Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLM-018UV365Air Datasheet(PDF) 2 Page - OSA Opto Light GmbH

Part # OLM-018UV365Air
Description  Luftgek체hlte LED Strahlungsquelle
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLM-018UV365Air Datasheet(HTML) 2 Page - OSA Opto Light GmbH

  OLM-018UV365Air Datasheet HTML 1Page - OSA Opto Light GmbH OLM-018UV365Air Datasheet HTML 2Page - OSA Opto Light GmbH OLM-018UV365Air Datasheet HTML 3Page - OSA Opto Light GmbH OLM-018UV365Air Datasheet HTML 4Page - OSA Opto Light GmbH OLM-018UV365Air Datasheet HTML 5Page - OSA Opto Light GmbH OLM-018UV365Air Datasheet HTML 6Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
edition 2013/05
© 2013/04
OSA Opto Light GmbH · Phone +49-(0)30-65762683 · contact@osa-opto.com
Beschreibung
Description
Das System umfasst die folgenden Komponenten
LED Modul OLM-018 xxxxx
LED Steuerung OEM-006 SY
Verbindungskabel LED-Modul / Steuerung
48 V DC Tischnetzteil
Typ: Mean Well GS120A48-G7B
Netzkabel (VDE) für 230V
The System contains the following parts
LED module OLM-018 xxxxx
LED Controller OEM-006 SY
Cable LED module / controller
48 V DC power supply
Mean Well GS120A48-G7B
230 V power cable (VDE)
LED Modul OLM-018 xxxxx Air
LED module OLM-018 xxxxx Air
Kühlkörper (Aluminium)
48 V- Lüfter
Größe 100 x 90 x 80 mm
Lichtemittierende Fläche 25 x 25 mm
LED- Chipzahl 60 (Matrix 10 x 6)
Gewicht 400 g
Frontseite Glas, UV-entspiegelt
Heat sink (aluminium)
48 V- fan
size 100 x 90 x 80 mm
light emitting area 25 x 25 mm
LED- Chip number 60 (10 x 6)
weight 400 g
front side anti-reflective glass
Type
Peak wavelength
Typical power density
Max LED current DC
Forward Voltage
[nm] 3)
[W/cm²] 1)
[A]
[V] 2)
OLM-018 B460 Air
455 – 465
4.5
2.1
34
OLM-018 UV420 Air
420 - 425
3.5
2.1
34
OLM-018 UV390 Air
390 – 395
3.5
2.1
34
OLM-018 UV365 Air
365 – 370
1.5
2.1
38
1)
Measured @ 350 mA/chip, 25°C ambient temperature and in contact to emitting window, Power density
decreases with increasing temperature
2)
Typical value @ 350 mA, 25 °C chip temperature
3)
Measured @ 350 mA, 25 °C chip temperature
Other wavelength types possible on request in the range 365-1050 nm
View angle
Temperature de-rating
Das LED Modul enthält einen PT-1000 Thermo-widerstand. In
Verbindung mit der Steuerung
OEM-006 SY wird das Modul bei einer Temperatur von 55°C
abgeschaltet und ist somit vor Übertemperatur geschützt
The LED Module contains a PT 1000 thermal resistor. In
combination with the constant current supply OEM-006 SY
the module is switched off at 55°C and therefore protected
against over temperature
0
100
200
300
400
0
20
40
60
board temperature [°C]


Similar Part No. - OLM-018UV365Air

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLM-018 OSA-OLM-018 Datasheet
623Kb / 6P
   Luftgek체hlte LED Strahlungsquelle
More results

Similar Description - OLM-018UV365Air

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLM-034C OSA-OLM-034C Datasheet
558Kb / 6P
   Luftgek체hlte LED Strahlungsquelle
OLM-018 OSA-OLM-018 Datasheet
623Kb / 6P
   Luftgek체hlte LED Strahlungsquelle
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com