Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLR30-2225-1012K-B Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DLR30-2225-1012K-B
Description  industrial power relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DLR30-2225-1012K-B Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DLR30-2225-1012K-B Datasheet HTML 1Page - Willow Technologies Ltd DLR30-2225-1012K-B Datasheet HTML 2Page - Willow Technologies Ltd DLR30-2225-1012K-B Datasheet HTML 3Page - Willow Technologies Ltd DLR30-2225-1012K-B Datasheet HTML 4Page - Willow Technologies Ltd DLR30-2225-1012K-B Datasheet HTML 5Page - Willow Technologies Ltd DLR30-2225-1012K-B Datasheet HTML 6Page - Willow Technologies Ltd DLR30-2225-1012K-B Datasheet HTML 7Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Reference Curves
Fig. 1
Page 3 of 7
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DLR
industrial power relay
Ref: DLR 091411JHM
Specifications are subject to change without notice. E&OE.
y
c
n
a
t
c
e
p
x
E
e
fi
L
r
e
w
o
P
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
10
100
50
40
30
20
10
1
30 50 70 100
300 500 1,000
5
Switching voltage (V)
Switching current (A)
AC inductive load
(cos
=0.4)
AC resistive load
220VAC resistive load
220VAC inductive load
(cos
=0.4)
y
c
n
a
t
c
e
p
x
E
e
fi
L
r
e
w
o
P
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
10
100
50
40
30
20
10
1
30 50 70 100
300 500 1,000
5
Switching voltage (V)
Switching current (A)
AC inductive load
AC resistance load
(cos
=0.4)
220VAC resistive load
220VAC inductive load
(cos
=0.4)
y
c
n
a
t
c
e
p
x
E
e
fi
L
r
e
w
o
P
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
10
100
50
40
30
20
10
1
30 50 70 100
300 500 1,000
5
Switching voltage (V)
Switching current (A)
220VAC resistive load
AC inductive load
AC resistance load
(cos
=0.4)
220VAC inductive load
(cos
=0.4)
DLR SPST-NO (except PCB)
DLR DPST-NO (except PCB)
DLR PCB SPST-NO, DPST-NO


Similar Part No. - DLR30-2225-1012K-B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
More results

Similar Description - DLR30-2225-1012K-B

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
3R-1-6-4R OENINDIA-3R-1-6-4R Datasheet
32Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
Willow Technologies Ltd
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
Tyco Electronics
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
   pcb and industrial power relay
DG38B WILLOW-DG38B Datasheet
264Kb / 3P
   pcb and industrial power relay
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
DG38 WILLOW-DG38 Datasheet
279Kb / 3P
   pcb and industrial power relay
logo
American Zettler, Inc.
AZ1401 AZETTLER-AZ1401 Datasheet
491Kb / 2P
   Industrial Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com