Electronic Components Datasheet Search |
|
UABS2 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
|
UABS2 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
1 / 2 page UABS2 THRU UABS10 Voltage Range - 200 to 1000 Volts Current - 0.8/1.0 Ampere Case: Molded plastic body Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Polarity: Polarity symbols marked on case Mounting Position: Any FEATURES MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS 25 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 UABS2 0.8 1.0 Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique High temperature soldering guaranteed: 260 /10 seconds at 5 lbs., (2.3kg) tension Small size, simple installation Leads solderable per MIL-STD-202, Method 208 High surge current capability Ratings at 25 ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load, for capacitive load derate current by 20%. SYMBOLS UNITS VRRM VRMS VDC IF(AV) IFSM Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current On glass-epoxy P.C.B.(Note1) On aluminum substrate(Note2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load Maximum instantaneous forward voltage drop per leg at 0.4A Maximum DC reverse current TA=25 at rated DC blocking voltage TA=125 Typical thermal resistance(NOTE 3) R JA IR VF uA uA 30 5.0 500 UABS6 UABS4 UABS8 UABS10 -55 to +150 Operating temperature range TJ /W Glass passivated chip junction R JL 75 -55 to +150 NOTES:1.On glass epoxy P.C.B. mounted on 0.05x0.05''(1.3x1.3mm) pads. 2.On aluminum substrate P.C.B. with an area of 0.8''x0.8''(20x20mm) mounted on 0.05X0.05''(1.3X1.3mm) solder pad. storage temperature range TSTG 3.Thermal resistance form junction to ambient and junction to lead mounted on P.C.B. with 0.2X0.2''(5X5mm) copper pads. Maximum reverse recovery time (NOTE 4) trr 50 ns 75 4.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A. GLASS PASSIVATED ULTRA FAST RECOVERY BRIDGE RECTIFIERS Dimensions in inches and (millimeters) ABS 1.0 1.4 1.7 V V V A A V Green compound(halogen&Sb2O3 free) MDD Catalog Number |
Similar Part No. - UABS2 |
|
Similar Description - UABS2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |