Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFRM-04P15A3-S35L Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # IFRM-04P15A3-S35L
Description  Inductive proximity switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

IFRM-04P15A3-S35L Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  IFRM-04P15A3-S35L Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28/3/2017
IFRM 04P15A3/S35L
IFRM 04P15A3/S35L
Inductive proximity switch
Inductive sensors
www.baumer.com
general data
mounting type
flush
nominal sensing distance Sn
1 mm
hysteresis
2 ... 20 % of Sr
output indicator
3 port LED red
electrical data
switching frequency
< 5 kHz
voltage supply range +Vs
10 ... 30 VDC
current consumption max. (no load)
12 mA
output circuit
PNP make function (NO)
voltage drop Vd
< 2 VDC
output current
< 100 mA
short circuit protection
yes
reverse polarity protection
yes
mechanical data
type
cylindrical smooth
material (sensing face)
LCP
housing material
stainless steel
dimension
4 mm
housing length
36 mm
connection types
connector M8
ambient conditions
operating temperature
-25 ... +75 °C
protection class
IP 67
photo
dimension drawing
4
ø
M8 x 1
3xLED
6,5
ø
connection diagram
output
+VS
PNP
BU (3)
BN (1)
BK (4)
Z
0 V
M8 x 1 quick disconnect
3 port LED


Similar Part No. - IFRM-04P15A3-S35L

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
IFRM-04P15A3-S05L IVO-IFRM-04P15A3-S05L Datasheet
73Kb / 1P
   Inductive proximity switch
More results

Similar Description - IFRM-04P15A3-S35L

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
IFRM_08P37A1_S35L IVO-IFRM_08P37A1_S35L Datasheet
77Kb / 1P
   Inductive proximity switch
IFRM-03N1505-CS35L IVO-IFRM-03N1505-CS35L Datasheet
77Kb / 1P
   Inductive proximity switch
IFRM-04N15A1-KS35PL IVO-IFRM-04N15A1-KS35PL Datasheet
76Kb / 1P
   Inductive proximity switch
IFRM-04N17A1-PL IVO-IFRM-04N17A1-PL Datasheet
71Kb / 1P
   Inductive proximity switch
IFRM-04N17A3-S35L IVO-IFRM-04N17A3-S35L Datasheet
74Kb / 1P
   Inductive proximity switch
IFRM-04N35A3-S05L IVO-IFRM-04N35A3-S05L Datasheet
74Kb / 1P
   Inductive proximity switch
IFRM-04N35B1-KS35PL IVO-IFRM-04N35B1-KS35PL Datasheet
77Kb / 1P
   Inductive proximity switch
IR08_P02F-11111235 IVO-IR08_P02F-11111235 Datasheet
72Kb / 1P
   Inductive proximity switch
IFFM_08P17A6_L IVO-IFFM_08P17A6_L Datasheet
77Kb / 1P
   Inductive proximity switch
IFRM_08P17A3_S35L IVO-IFRM_08P17A3_S35L Datasheet
77Kb / 1P
   Inductive proximity switch
IFRM-04P17A3-PL IVO-IFRM-04P17A3-PL Datasheet
70Kb / 1P
   Inductive proximity switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com