Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC04-3.3SGA Datasheet(PDF) 5 Page - Recom International Power

Part # RAC04-3.3SGA
Description  4 Watt Single Output EMC Class A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-3.3SGA Datasheet(HTML) 5 Page - Recom International Power

  RAC04-3.3SGA Datasheet HTML 1Page - Recom International Power RAC04-3.3SGA Datasheet HTML 2Page - Recom International Power RAC04-3.3SGA Datasheet HTML 3Page - Recom International Power RAC04-3.3SGA Datasheet HTML 4Page - Recom International Power RAC04-3.3SGA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PA-5
REV.: 2/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta=25°C, nom. Vin, full load unless otherwise noted)
RAC04-GA
Series
L
N
+VOUT
-VOUT
CX1
CY2
CY1
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
PCB
black plastic, (UL94 V-0)
FR4, (UL94 V-0)
Package Dimension (LxWxH)
37.0 x 24.0 x 15.0mm
Package Weight
20g typ.
Dimension Drawing (mm)
37.0
25.40
Recommended Footprint Details:
Bottom View
1
2
3
4
5
5.08
0.60
3.26
5.08
24.0
2.54
restricted area
for PCB layout
embossed logo
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
505.0 x 39.7 x 23.2mm
Packaging Quantity
20pcs
Storage Temperature Range
-40°C to +100°C
Storage Humidtiy
non-condensing
5% - 95% RH max.
Pin Connections
Pin #
Single
1
VAC in (L)
2
VAC in (N)
3
NC
4
-Vout
5
+Vout
NC: not connected
Tolerance: XX.X ±0.5mm
Pin Width: XX.X ±0.05mm
EMI Filtering according to EN60335-1 / EN55032 Class B Compliance
CY1, CY2
CX1
1nF, 2kV
100nF, 2kV
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.


Similar Part No. - RAC04-3.3SGA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-3.3SGB RECOM-RAC04-3.3SGB Datasheet
438Kb / 5P
   4 Watt Single Output EMC Class B
RAC04-3.3SGB RECOM-RAC04-3.3SGB Datasheet
1Mb / 6P
   4 Watt Single Output EMC Class B
More results

Similar Description - RAC04-3.3SGA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-GA RECOM-RAC03-GA Datasheet
1Mb / 5P
   3 Watt Single Output EMC Class A
RAC04-GB RECOM-RAC04-GB_18 Datasheet
1Mb / 6P
   4 Watt Single Output EMC Class B
RAC04-GB RECOM-RAC04-GB Datasheet
438Kb / 5P
   4 Watt Single Output EMC Class B
RAC02-GB RECOM-RAC02-GB Datasheet
400Kb / 5P
   2 Watt Single Output EMC Class B
RAC03-GB RECOM-RAC03-GB_18 Datasheet
1Mb / 6P
   3 Watt Single Output EMC Class B
RAC01-GB RECOM-RAC01-GB Datasheet
401Kb / 5P
   1 Watt Single Output EMC Class B
RAC03-GB RECOM-RAC03-GB Datasheet
436Kb / 5P
   3 Watt Single Output EMC Class B
RAC04-C-W RECOM-RAC04-C-W Datasheet
91Kb / 2P
   4 Watt Single Output
RAC04-SC RECOM-RAC04-SC Datasheet
102Kb / 2P
   4 Watt Single Output
RAC04-SC-W RECOM-RAC04-SC-W Datasheet
91Kb / 2P
   4 Watt Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com