Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS62180 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS62180
Description  T1 FRAMER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS62180 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS62180 Datasheet HTML 7Page - Cirrus Logic CS62180 Datasheet HTML 8Page - Cirrus Logic CS62180 Datasheet HTML 9Page - Cirrus Logic CS62180 Datasheet HTML 10Page - Cirrus Logic CS62180 Datasheet HTML 11Page - Cirrus Logic CS62180 Datasheet HTML 12Page - Cirrus Logic CS62180 Datasheet HTML 13Page - Cirrus Logic CS62180 Datasheet HTML 14Page - Cirrus Logic CS62180 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
193S Yellow Alarm Format
CCR.3: YELS
The CS62180B supports two different
yellow alarm formats for 193S framing.
Whichever format is selected, it will be used by
both the transmit side, for yellow alarm genera-
tion, and the receive side, for alarm detection.
When using 193S framing, a "0" in YELS
(CCR.3) will encode/decode yellow alarms as a
"0" in bit 2 (2
nd MSB) of all channels. Setting
CCR.3 to "1" will cause yellow alarms to be en-
coded/decoded as a "1" is the S-bit position of
frame 12.
Note: For T1DM and SLC-96
®, CCR.3 should
be set to a "0".
Framing Format
CCR.4: FM
CCR.7: FM1
As shown in Figure 4b, CCR.4 and CCR.7 select
the framing format.
See the text for
the Transmit Control Register (TCR) and Re-
ceive Control Register (RCR) for further
information on the particular options available
for each framing format.
Note:
Changing the framing mode does not
force the receiver to resynchronize. A forced
resync should be done to insure correct receiver
synchronization after the framing mode is
changed.
193E Yellow Alarm Format
CCR.5: EYELMD
The CS62180B supports two different
yellow alarm formats for 193E framing.
Whichever format is selected, it will be used by
both the transmit side, for yellow alarm genera-
tion, and the receive side, for alarm detection.
When using 193E framing, a "0" in EYELMD
(CCR.5) will encode/decode yellow alarms as a
repeating sequence of 00FF (hex) on the 4 kHz
facility data link (FDL). If CCR.5 is set, 193E
yellow alarms will be handled as a "0" in bit 2
(2
nd MSB) of all channels.
Control of RSR.2
CCR.6: FRSR2
CCR.6 allows you to change the meaning of D2
in the Receive Status Register (RSR.2). If CCR.6
is clear, RSR.2 will report the detection of B8ZS
codes in the received T1 input. If CCR.6 is set to
a "1", RSR.2 will be used to signal a Change of
Frame Alignment (COFA). A COFA is reported
when the last receiver resync resulted in a
change of framing or multiframing alignment.
Refer to the description of the Receive Status
Register for further information.
74
FM1
FM
Format Selected
0
0
193S (D4)
0
1
193E (ESF)
1
0
SLC-96
1
1
T1DM
Figure 4b. Framing Format Selection
CS62180B
DS225PP2
11


Similar Part No. - CS62180

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS6219 YONGFUKANG-CS6219 Datasheet
767Kb / 21P
   3.0W/CH
logo
Vishay Siliconix
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K51K500B1234 VISHAY-CS6219K51K500B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6219K55L000B1234 VISHAY-CS6219K55L000B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
More results

Similar Description - CS62180

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
   Quad T1 Framer
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
   T1 FRAMER/TRANSCEIVER
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
   Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
   OCTAL T1 FRAMER
logo
Dallas Semiconductor
DS21Q41B DALLAS-DS21Q41B Datasheet
714Kb / 61P
   Quad T1 Framer
logo
Maxim Integrated Produc...
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
   Quad T1 Framer
092299
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
logo
Dallas Semiconductor
DS21Q42 DALLAS-DS21Q42 Datasheet
1Mb / 119P
   Enhanced QUAD T1 FRAMER
DS2196 DALLAS-DS2196 Datasheet
734Kb / 157P
   T1 Dual Framer LIU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com