Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8782CJ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8782CJ
Description  8-Bit One-Time Programmable (OTP) Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8782CJ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP8782CJ Datasheet HTML 3Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 4Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 5Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 6Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 7Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 8Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 9Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 10Page - National Semiconductor (TI) COP8782CJ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Functional Description (Continued)
TABLE II Crystal Oscillator Configuration TA e 25 C
R1
R2
C1
C2
CKI Freq
Conditions
(kX)(MX)
(pF)
(pF)
(MHz)
0
1
30
30 – 36
10
VCC e 5V
0
1
30
30 – 36
4
VCC e 5V
TABLE III RC Oscillator Configuration TA e 25 C
R
C
CKI Freq
Instr Cycle
Conditions
(kX)
(pF)
(MHz)
(ms)
33
82
22 to 27
37 to 46
VCC e 5V
56
100
11 to 13
74 to 90
VCC e 5V
68
100
09 to 11
88 to 108
VCC e 5V
Note
(RC Oscillator Configuration) 3k s R s 200k 50 pF s C s 200 pF
C RC Oscillator
CKI can be configured as a single pin RC controlled oscilla-
tor In RC oscillator mode G7 is available as a general pur-
pose input andor HALT restart control
Table III shows the variation in the oscillator frequencies as
functions of the component (R and C) values
HALT MODE
The device supports a power saving mode of operation
HALT The controller is placed in the HALT mode by setting
the G7 data bit alternatively the user can stop the clock
input (Stopping the clock input will draw more current than
setting the G7 data bit) In the HALT mode all internal proc-
essor activities including the clock oscillator are stopped
The fully static architecture freezes the state of the control-
ler and retains all information until continuing In the HALT
mode power requirements are minimal as it draws only
leakage currents and output current The applied voltage
(VCC) may be decreased down to Vr (minimum RAM reten-
tion voltage) without altering the state of the machine
There are two ways to exit the HALT mode via the RESET
or by the G7 pin A low on the RESET line reinitializes the
microcontroller and starts execution from address 0000H In
external and RC oscillator modes a low to high transition on
the G7 pin also causes the microcontroller to come out of
the HALT mode Execution resumes at the address follow-
ing the HALT instruction Except for the G7 data bit which
gets reset all RAM locations retain the values they had prior
to execution of the ‘‘HALT’’ instruction It is required that the
first instruction following the ‘‘HALT’’ instruction be a
‘‘NOP’’ in order to synchronize the clock
INTERRUPTS
The device has a sophisticated interrupt structure to allow
easy interface to the real world There are three possible
interrupt sources as shown below
A maskable interrupt on external G0 input (positive or nega-
tive edge sensitive under software control)
A maskable interrupt on timer underflow or timer capture
A non-maskable softwareerror interrupt on opcode zero
INTERRUPT CONTROL
The GIE (global interrupt enable) bit enables the interrupt
function This is used in conjunction with ENI and ENTI to
select one or both of the interrupt sources This bit is reset
when interrupt is acknowledged
ENI and ENTI bits select external and timer interrupts re-
spectively Thus the user can select either or both sources
to interrupt the microcontroller when GIE is enabled
IEDG selects the external interrupt edge (0 e rising edge
1 e falling edge) The user can get an interrupt on both
rising and falling edges by toggling the state of IEDG bit
after each interrupt
IPND and TPND bits signal which interrupt is pending After
an interrupt is acknowledged the user can check these two
bits to determine which interrupt is pending This permits the
interrupts to be prioritized under software The pending flags
have to be cleared by the user Setting the GIE bit high
inside the interrupt subroutine allows nested interrupts
The software interrupt does not reset the GIE bit This
means that the controller can be interrupted by other inter-
rupt sources while servicing the software interrupt
INTERRUPT PROCESSING
The interrupt once acknowledged pushes the program
counter (PC) onto the stack and the stack pointer (SP) is
decremented twice The Global Interrupt Enable (GIE) bit is
reset to disable further interrupts The microcontroller then
vectors to the address 00FFH and resumes execution from
that address This process takes 7 cycles to complete At
the end of the interrupt subroutine any of the following
three instructions return the processor back to the main pro-
gram RET RETSK or RETI Either one of the three instruc-
tions will pop the stack into the program counter (PC) The
stack pointer is then incremented twice The RETI instruc-
tion additionally sets the GIE bit to re-enable further inter-
rupts
Any of the three instructions can be used to return from a
hardware interrupt subroutine
The RETSK instruction
should be used when returning from a software interrupt
subroutine to avoid entering an infinite loop
Note
There is always the possiblity of an interrupt occurring during an in-
struction which is attempting to reset the GIE bit or any other interrupt
enable bit If this occurs when a single cycle instruction is being used
to reset the interrupt enable bit the interrupt enable bit will be reset
but an interrupt may still occur This is because interrupt processing
is started at the same time as the interrupt bit is being reset To avoid
this scenario the user should always use a two three or four cycle
instruction to reset interrupt enable bits
http
www nationalcom
7


Similar Part No. - COP8782CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8720C NSC-COP8720C Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8720CN NSC-COP8720CN Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8720CV NSC-COP8720CV Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8721C NSC-COP8721C Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8721CN NSC-COP8721CN Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
More results

Similar Description - COP8782CJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com