Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2021431000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2021431000
Description  Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

2021431000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2021431000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
2021431000
Status:
Active
Overview:
Nano-Pitch I/O™ Interconnect System
Description:
Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug, 4x
(42 Circuits), 34 AWG, with Latches, 0.30m Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
202143
Assembly Configuration
Dual Ended Connectors
Connector to Connector
Nano-Pitch I/O Both Ends
Overview
Nano-Pitch I/O™ Interconnect System
Product Name
Nano-Pitch I/O
UPC
191128058292
Physical
Cable Length
0.30m
Circuits (Loaded)
42 (38)
Color - Resin
Black
Gender
Plug/Plug
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Liquid Crystal Polymer
Net Weight
20.766/g
Packaging Type
Bag
Single Ended
No
Wire Size AWG
34
Wire/Cable Type
Twin-ax
Electrical
Current - Maximum per Contact
0.5A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
2021431000-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Contained Per -
ED/30/2017 (7 July
2017)
2,4-Di-tert-butyl-6-(5-
chlorobenzotriazol-2-
yl)p
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
202143 Series
Mates With
Nano-Pitch I/O Receptacles 171982 ,
171983
This document was generated on 11/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 2021431000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2021431001 MOLEX1-2021431001 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug,
2021431002 MOLEX1-2021431002 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
2021431003 MOLEX1-2021431003 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
More results

Similar Description - 2021431000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2021431001 MOLEX1-2021431001 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug,
2021431002 MOLEX1-2021431002 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
2021431003 MOLEX1-2021431003 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
1004361000 MOLEX1-1004361000 Datasheet
40Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug,
1004361001 MOLEX1-1004361001 Datasheet
40Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
1004361002 MOLEX1-1004361002 Datasheet
40Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug
1001531001 MOLEX1-1001531001 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Right Angle Plug to Straight Plug
2024921002 MOLEX1-2024921002 Datasheet
38Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Right Angle Plug to Straight Plug
1001531000 MOLEX1-1001531000 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Right Angle Plug to Straight Plug
1001531003 MOLEX1-1001531003 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Right Angle Plug to Straight Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com