Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1719833042 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1719833042
Description  Nano-Pitch I/O Receptacle, Straight, Extra Duty Through Hole, with Cap, 42 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1719833042 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1719833042 Datasheet HTML 1Page - Molex Electronics Ltd. 1719833042 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1719833042
Status:
Active
Overview:
Nano-Pitch I/O™ Interconnect System
Description:
Nano-Pitch I/O Receptacle, Straight, Extra Duty Through Hole, with Cap, 42 Circuits,
Black
Documents:
3D Model
Packaging Specification PK-173307-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
171983
Application
Wire-to-Board
Component Type
Receptacle
Overview
Nano-Pitch I/O™ Interconnect System
Product Name
Nano-Pitch I/O
Type
N/A
UPC
889056887212
Physical
Circuits (Loaded)
42
Circuits (maximum)
42
Color - Resin
Black
Durability (mating cycles max)
250
Gender
Receptacle
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
High Temperature Thermoplastic
Net Weight
1.374/g
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.57mm
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface
0.50mm
Pitch - Termination Interface
0.50mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
171983 Series


Similar Part No. - 1719833042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1719830142 MOLEX1-1719830142 Datasheet
49Kb / 2P
   Nano-Pitch I/O Receptacle, Vertical, Surface Mount, with Cap, 42 Circuits, Black
1719832042 MOLEX1-1719832042 Datasheet
45Kb / 2P
   Nano-Pitch I/O Receptacle, Vertical, Through Hole, with Cap, 42 Circuits, Black
1719832342 MOLEX1-1719832342 Datasheet
44Kb / 2P
   Nano-Pitch I/O Receptacle, Vertical, Through Hole, with Cap, 42 Circuits, Natural
More results

Similar Description - 1719833042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1731620338 MOLEX1-1731620338 Datasheet
56Kb / 2P
   Nano-Pitch I/O Receptacle, Straight, Extra Duty Through Hole, with Cap, 80 Circuits
1719832042 MOLEX1-1719832042 Datasheet
45Kb / 2P
   Nano-Pitch I/O Receptacle, Vertical, Through Hole, with Cap, 42 Circuits, Black
1719832342 MOLEX1-1719832342 Datasheet
44Kb / 2P
   Nano-Pitch I/O Receptacle, Vertical, Through Hole, with Cap, 42 Circuits, Natural
1731620334 MOLEX1-1731620334 Datasheet
54Kb / 2P
   Nano-Pitch I/O Receptacle, Straight, Through Hole, with Cap, 80 Circuits
1719821142 MOLEX1-1719821142 Datasheet
50Kb / 2P
   Nano-Pitch I/O Receptacle, Right Angle, Through Hole, without Cap, 42 Circuits
1719830142 MOLEX1-1719830142 Datasheet
49Kb / 2P
   Nano-Pitch I/O Receptacle, Vertical, Surface Mount, with Cap, 42 Circuits, Black
1731620333 MOLEX1-1731620333 Datasheet
53Kb / 2P
   Nano-Pitch I/O Receptacle, Straight, Surface Mount, with Cap, 80 Circuits
1719820142 MOLEX1-1719820142 Datasheet
48Kb / 2P
   Nano-Pitch I/O Receptacle, Right Angle, Surface Mount, without Cap, 42 Circuits
1731620132 MOLEX1-1731620132 Datasheet
50Kb / 2P
   Nano-Pitch I/O Receptacle, Right Angle, Through Hole, 80 Circuits
2021431001 MOLEX1-2021431001 Datasheet
39Kb / 1P
   Nano-Pitch I/O-to-Nano-Pitch I/O Cable Assembly, Straight Plug to Straight Plug,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com