Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30100CT Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # MBR30100CT
Description  SCHOTTKY Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MBR30100CT Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  MBR30100CT Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MBR30100CT Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-B181
Rev. 1.0, 12-Mar-15
MBR3035CT~MBR30200CT
肖特基二极管SCHOTTKY Diodes
■特征
Features
■外形尺寸和印记 Outline Dimensions and Mark
耐正向浪涌电流能力高
High surge forward current capability
低功耗,大电流
Low Power loss, High efficiency
Io
30.0A
V
RRM
35-200V
用途 Applications
快速整流用
High speed switching
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
MBR30-CT
35
40
45
50
60
80
90
100
150
200
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
35
40
45
50
60
80
90
100
150
200
平均整流输出电流
Average Rectified Output Current
Io
A
60HZ 正弦波,电阻负载,Ta=25℃
60HZ sine wave,
R- load, Ta=25℃
30
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward Current
IFSM
A
60HZ正弦波,一个周期,Ta=25℃
60HZ sine wave, 1 cycle, Ta=25℃
200
正向浪涌电流的平方对电流浪涌持
时间的积分值
Current Squared Time
I
2t
A
2s
1ms≤t<8.3ms Tj=25℃,单个二
极管
1ms≤t<8.3ms Tj=25℃,Rating
of per diode
167
贮存温度
Storage Temperature
Tstg
-55 ~ +150
结温
Junction Temperature
Tj
在正向直流条件下,没有施加反向压
降,通电≤1h(图示1)①
IN
DC Forward Mode-Forward
Operations,without reverse bias, t
≤1 h (Fig. 1)①
-55 ~ +150
电特性 (T
a=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
MBR30-CT
35
40
45
50
60
80
90
100
150
200
正向峰值电压
Peak Forward Voltage
VFM
V
I FM =15A
0.7
0.8
0.85
0.90
0.95
反向峰值电流
Peak Reverse Current
IRRM1
mA
VRM =VRRM
 
Ta=25℃ 
0.2
IRRM2
Ta=100℃
20
15
10
热阻
Thermal Resistance
RθJ-C
℃/W
结和壳之间 
Between junction and case
2.0
备注:Notes:
1) 热电阻从结到本体,每管脚到散热片的尺寸为 2"×3"×0.25 的铝板
Thermal resistance from junction to case per leg with heat-sink size of 2"×3"×0.25" AL-plate
T O - 2 2 0 A B
.429(10.9)
MAX
.17(4.31)
.131(3.34)
DIA
.055(1.40)
.045(1.14)
.200(5.10)
.159(4.04)
.025(0.64)
.011(0.28)
.126(3.19)
.084(2.14)
PIN1 2
.129(3.27)
.087(2.22)
.61(15.5)
.571(14.5)
.176(4.46)
.124(3.16)
.037(0.94)
.027(0.68)
.576(14.62)
.514(13.06)
Dimensions in inches and (millimeters)
PIN1
PIN2
PIN3
CASE
3
.121(3.07)
.079(2.01)
.121(3.07)
.079(2.01)


Similar Part No. - MBR30100CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR30100CT ETC2-MBR30100CT Datasheet
104Kb / 1P
   30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
Chip Integration Techno...
MBR30100CT CITC-MBR30100CT Datasheet
99Kb / 3P
   30A High Power Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR30100CT TSC-MBR30100CT Datasheet
218Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
MBR30100CT TSC-MBR30100CT Datasheet
206Kb / 4P
   Dual Common Cathode Schottky Rectifier
MBR30100CT TSC-MBR30100CT Datasheet
101Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR30100CT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com