Electronic Components Datasheet Search |
|
NP0115AG03LDG-JCF11S Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
NP0115AG03LDG-JCF11S Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
6 / 6 page Series NP01 Subminiature Smooth Actuation Pushbuttons D79 D www.nkkswitches.com Illuminated • Straight PC NP0115HG03LF-JF S Stick-Tube Packaging 50 pieces per stick Switches must be ordered in 50-piece increments when stick-tube packaging is selected. This packaging is for the switch body only. Caps will be packaged separately. Partitioned Tray Any quantity. No code is required. Switches may be packaged with or without caps installed. No Code 1. NP01 Pushbuttons are electrostatically sensitive. To prevent damage to LED, devices must be properly isolated from static electricity. 2. Once the cap is installed onto the switch body, it cannot be removed. 3. When assembling cap, align projection on switch body to slot on inside of cap. (Refer to illustration at right.) 4. * Legends may be printed on the lens with laser etch, screen print or pad print methods. Epoxy based ink is recommended. 5. Do not use excessive force during installation on PC board or for cap installation. * NKK Switches can provide custom legends for caps. Contact factory for more information. A Solid Color Cap for Nonilluminated B C H Black White Red Gray Material: Polycarbonate Resin AT3024 12mm Square Cap ATTENTION ELECTROSTATIC SENSITIVE DEVICES CAP TYPES & COLORS (CONTINUED) TYPICAL SWITCH DIMENSIONS PACKAGING PRECAUTIONS FOR HANDLING & STORAGE (10.2) .402 (12.0) Sq .472 (12.0) .472 Sq (12.5) .492 (10.2) .402 (0.3) .012 Typ (7.0) .276 (3.3) .130 (2.1) .083 LC2 2 L2 L1 LC1 1L3L4 (2.0) .079 Typ (0.5) .020 Typ (2.0) .079 Typ (7.0) .276 (1.0) .039 Dia Typ CL LC1 1 L3 L4 L1 L2 2 LC2 (15.3) .602 (11.85) .467 (470.0) 18.504 Projection Slot LEGEND ORIENTATION LC2 2 L2 L1 LC1 1L3L4 LC2 OPEN Orient cap with legend as shown here, and “LC2” at lower right of switch body. Orders for switches with legends will be assembled as illustrated. Top View Bottom View |
Similar Part No. - NP0115AG03LDG-JCF11S |
|
Similar Description - NP0115AG03LDG-JCF11S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |