Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRA67F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LRA67F
Description  Optical Indicator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRA67F Datasheet(HTML) 4 Page - OSRAM GmbH

  LRA67F Datasheet HTML 1Page - OSRAM GmbH LRA67F Datasheet HTML 2Page - OSRAM GmbH LRA67F Datasheet HTML 3Page - OSRAM GmbH LRA67F Datasheet HTML 4Page - OSRAM GmbH LRA67F Datasheet HTML 5Page - OSRAM GmbH LRA67F Datasheet HTML 6Page - OSRAM GmbH LRA67F Datasheet HTML 7Page - OSRAM GmbH LRA67F Datasheet HTML 8Page - OSRAM GmbH LRA67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2017-05-18
4
Version 1.4
LR A67F
Characteristics (TS = 25 °C; IF = 30 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
634
nm
Dominant Wavelength
3) page 20
Dominantwellenlänge
3) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
620
625
630
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
16
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
4) page 20
Durchlassspannung
4) Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
1.80
2.00
2.40
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
IR
I
R
0.2
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TC
λpeak
0.14
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.07
nm/K
Real thermal resistance junction / ambient 5) page 20 ,
6) page 20
Realer Wärmewiderstand Sperrschicht / Umgebung
5) Seite 20 , 6) Seite 20
(max.)
R
th JA real
400
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
Rth JS real
180
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LRA67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRA67F OSRAM-LRA67F Datasheet
425Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LRA67F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
   Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
   Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
   Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
   Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
   Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
   Optical Indicator
logo
Everlight Electronics C...
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
   Optical indicator.
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
   Optical indicator
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
   Optical indicator
logo
OSRAM GmbH
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
   Optical Indicator
LGT670 OSRAM-LGT670 Datasheet
442Kb / 19P
   Optical Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com