Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS2N70H Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N70H
Description  N-CHANNEL MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N70H Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N70H Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N70H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
R
JCS2N70H
版本:201510D
5/13
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
1
10
0.1
1
V
GS
Top
15V
10V
9V
8V
7V
6.5V
6V
5.5V
Bottom 5V
Notes:
1. 250μs pulse test
2. T
C=25
V
DS [V]
2
3
4
5
6
7
8
9
10
0.1
1
10
Notes:
1.250μs pulse test
2.V
DS=20V
25℃
V
GS [V]
150℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4
6
8
10
12
14
16
18
Note :T
j=25
V
GS=10V
V
GS=20V
I
D
[A]
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Notes:
1. 250μs pulse test
2. V
GS=0V
25℃
150℃
V
SD [V]
On-Region Characteristics
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics
0
2
4
6
8
10
12
0
2
4
6
8
10
*NOTE:ID=2A
V
DS=560V
V
DS=350V
V
DS=140V
Q
g Toltal Gate Charge [nC]


Similar Part No. - JCS2N70H

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS2N70FHC JSMC-JCS2N70FHC Datasheet
3Mb / 8P
   N-CHANNEL MOSFET
JCS2N70FHC-O-F-N-B JSMC-JCS2N70FHC-O-F-N-B Datasheet
3Mb / 8P
   N-CHANNEL MOSFET
logo
SHENZHEN DOINGTER SEMIC...
JCS2N70RH-O-R-N-B DOINGTER-JCS2N70RH-O-R-N-B Datasheet
766Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - JCS2N70H

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com