Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS2N65TC-O-T-N-A Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N65TC-O-T-N-A
Description  N-CHANNEL MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N65TC-O-T-N-A Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS2N65TC-O-T-N-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N65TC-O-T-N-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N65TC-O-T-N-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N65TC-O-T-N-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N65TC-O-T-N-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N65TC-O-T-N-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N65TC-O-T-N-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N65TC-O-T-N-A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N65TC-O-T-N-A Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
R
JCS2N65C
版本:201603F
6/16
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
-75
-50
-25
0
25
50
75
100
125
150
0.8
0.9
1.0
1.1
1.2
Notes
1. V
GS=0V
2. I
D=250μA
T
j [
]
-7 5
-5 0
-2 5
0
25
50
75
100
125
150
0 .0
0 .5
1 .0
1 .5
2 .0
2 .5
3 .0
No t e s
1 . V
GS=10 V
2 . I
D=1.0A
T
j [
]
Breakdown Voltage Variation
vs. Temperature
On-Resistance Variation
vs. Temperature
Maximum Safe Operating Area
For JCS2N65VC/RC/CC
Maximum Safe Operating Area
For JCS2N65FC(TO-220MF)
Maximum Safe Operating Area
For JCS2N65TC
Maximum Safe Operating Area
For JCS2N65FC(TO-220MF-K2)


Similar Part No. - JCS2N65TC-O-T-N-A

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS2N65B JSMC-JCS2N65B Datasheet
1Mb / 14P
   N-CHANNEL MOSFET
JCS2N65CB-O-C-N-B JSMC-JCS2N65CB-O-C-N-B Datasheet
1Mb / 14P
   N-CHANNEL MOSFET
JCS2N65CB-R-C-N-B JSMC-JCS2N65CB-R-C-N-B Datasheet
1Mb / 14P
   N-CHANNEL MOSFET
JCS2N65FB-O-F-N-B JSMC-JCS2N65FB-O-F-N-B Datasheet
1Mb / 14P
   N-CHANNEL MOSFET
JCS2N65FB-R-F-N-B JSMC-JCS2N65FB-R-F-N-B Datasheet
1Mb / 14P
   N-CHANNEL MOSFET
More results

Similar Description - JCS2N65TC-O-T-N-A

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com