Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS2N60C Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS2N60C
Description  MAIN CHARACTERISTICS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS2N60C Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS2N60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS2N60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
R
JCS2N60C
版本:201603G
5/16
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
0.1
1
10
100
1000
10000
0.1
1
10
100
Voltage(V)
Ciss
Coss
Crss
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics
On-Region Characteristics
0.1
1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Notes
1. 250μs pulse test
2. V
GS=0V
25
150
V
S D
[V]


Similar Part No. - JCS2N60C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS2N60C-O-C-N-B JSMC-JCS2N60C-O-C-N-B Datasheet
1Mb / 14P
   N-CHANNEL MOSFET
JCS2N60CB-O-C-N-B JSMC-JCS2N60CB-O-C-N-B Datasheet
1Mb / 18P
   N-CHANNEL MOSFET
More results

Similar Description - JCS2N60C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS5N60C JSMC-JCS5N60C Datasheet
1Mb / 12P
   MAIN CHARACTERISTICS
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
   Main Product Characteristics
logo
Silikron Semiconductor ...
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
   Main Product Characteristics
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
   Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
   Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
   Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
   Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
   Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com