Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBR40100 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR40100
Description  SCHOTTKY BARRIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR40100 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR40100 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR40100 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR40100 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR40100 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR40100 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR40100 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR40100 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R
版本(Rev.):201706B
1/7
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
HBR40100
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
HBR40100Z
HBR40100
TO-220
NO
条管 Tube
1.98 g(typ)
HBR40100ZR
HBR40100
TO-220
YES
条管 Tube
1.98 g(typ)
HBR40100HF
HBR40100
TO-220HF
NO
条管 Tube
1.70 g(typ)
HBR40100HFR
HBR40100
TO-220HF
YES
条管 Tube
1.70 g(typ)
HBR40100AB
HBR40100
TO-3PB
NO
条管 Tube
5.20 g(typ)
HBR40100ABR
HBR40100
TO-3PB
YES
条管 Tube
5.20 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
40(2×20)A
VRRM
100 V
Tj
175 ℃
VF(max)
0.72V (@Tj=125℃)
封装 Package
用途
 高频开关电源
 低压续流电路和保护电
APPLICATIONS
High frequency switch
power supply
Free wheeling diodes,
polarity protection
applications
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,
高可靠性
环保(RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
TO-22O
TO-22OHF
订货信息 ORDER MESSAGE
TO-3PB


Similar Part No. - HBR40100

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR4045 JSMC-HBR4045 Datasheet
446Kb / 8P
   High frequency switch power supply
HBR4045AB JSMC-HBR4045AB Datasheet
446Kb / 8P
   High frequency switch power supply
HBR4045ABR JSMC-HBR4045ABR Datasheet
446Kb / 8P
   High frequency switch power supply
HBR4045HF JSMC-HBR4045HF Datasheet
446Kb / 8P
   High frequency switch power supply
HBR4045HFR JSMC-HBR4045HFR Datasheet
446Kb / 8P
   High frequency switch power supply
More results

Similar Description - HBR40100

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com