Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP03 Datasheet(PDF) 10 Page - Analog Devices

Part # TMP03
Description  Serial Digital Output Thermometers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP03 Datasheet(HTML) 10 Page - Analog Devices

Back Button TMP03_16 Datasheet HTML 6Page - Analog Devices TMP03_16 Datasheet HTML 7Page - Analog Devices TMP03_16 Datasheet HTML 8Page - Analog Devices TMP03_16 Datasheet HTML 9Page - Analog Devices TMP03_16 Datasheet HTML 10Page - Analog Devices TMP03_16 Datasheet HTML 11Page - Analog Devices TMP03_16 Datasheet HTML 12Page - Analog Devices TMP03_16 Datasheet HTML 13Page - Analog Devices TMP03_16 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TMP03/TMP04
–10–
APPLICATIONS INFORMATION
Supply Bypassing
Precision analog products, such as the TMP03, require a well-
filtered power source. Since the TMP03 operate from a single 5
V supply, it seems convenient to simply tap into the digital logic
power supply. Unfortunately, the logic supply is often a switch-
mode design, which generates noise in the 20 kHz to 1 MHz
range. In addition, fast logic gates can generate glitches hundred
of millivolts in amplitude due to wiring resistance and induc-
tance.
If possible, the TMP03 should be powered directly from the
system power supply. This arrangement, shown in Figure 3, will
isolate the analog section from the logic switching transients. Even
if a separate power supply trace is not available, however, gener-
ous supply bypassing will reduce supply-line induced errors.
Local supply bypassing consisting of a 10
µF tantalum electro-
lytic in parallel with a 0.1
µF ceramic capacitor is recommended
(Figure 4a).
TTL/CMOS
LOGIC
CIRCUITS
TMP03/
TMP04
10 F
TANT
0.1 F
5V
POWER SUPPLY
+
Figure 3. Use Separate Traces to Reduce Power Supply
Noise
TMP03/
TMP04
10 F
0.1 F
V+
DOUT
GND
5V
TMP03/
TMP04
10 F
0.1 F
V+
DOUT
GND
5V
50
a.
b.
Figure 4. Recommended Supply Bypassing for the
TMP03
The quiescent power supply current requirement of the TMP03
is typically only 900
µA. The supply current will not change
appreciably when driving a light load (such as a CMOS gate), so
a simple RC filter can be added to further reduce power supply
noise (Figure 4b).
TMP03 Output Configurations
The TMP03 (Figure 5a) has an open-collector NPN output
which is suitable for driving a high current load, such as an
opto-isolator. Since the output source current is set by the pull-
up resistor, output capacitance should be minimized in TMP03
applications. Otherwise, unequal rise and fall times will skew the
pulsewidth and introduce measurement errors. The NPN tran-
sistor has a breakdown voltage of 18 V.
V+
DOUT
DOUT
TMP03
TMP04
a.
b.
Figure 5. TMP03 Digital Output Structure
The TMP04 has a “totem-pole” CMOS output (Figure 5b) and
provides rail-to-rail output drive for logic interfaces. The rise
and fall times of the TMP04 output are closely matched, so that
errors caused by capacitive loading are minimized. If load ca-
pacitance is large, for example when driving a long cable, an
external buffer may improve accuracy. See the “Remote Tem-
perature Measurement” section of this data sheet for
suggestions.
Interfacing the TMP03 to Low Voltage Logic
The TMP03’s open-collector output is ideal for driving logic
gates that operate from low supply voltages, such as 3.3 V. As
shown in Figure 6, a pull-up resistor is connected from the low
voltage logic supply (2.9 V, 3 V, etc.) to the TMP03 output.
Current through the pull-up resistor should be limited to about
1 mA, which will maintain an output LOW logic level of
<200 mV.
TMP03
5V
DOUT
GND
3.3V
3.3k
V+
TO LOW VOLTAGE
LOGIC GATE INPUT
Figure 6. Interfacing to Low Voltage Logic
Remote Temperature Measurement
When measuring a temperature in situations where high com-
mon-mode voltages exist, an opto-isolator can be used to isolate
the output (Figure 7a). The TMP03 is recommended in this
application because its open-collector NPN transistor has a
higher current sink capability than the CMOS output of the
TMP04. To maintain the integrity of the measurement, the
opto-isolator must have relatively equal turn-on and turn-off
times. Some Darlington opto-isolators, such as the 4N32, have
a turn-off time that is much longer than their turn-on time. In
this case, the T1 time will be longer than T2, and an erroneous
reading will result. A PNP transistor can be used to provide
greater current drive to the opto-isolator (Figure 7b). An opto-
isolator with an integral logic gate output, such as the H11L1
from Quality Technology, can also be used (Figure 8).
REV. B
REV. B


Similar Part No. - TMP03_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
More results

Similar Description - TMP03_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP03FSZ AD-TMP03FSZ Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
TMP03 AD-TMP03 Datasheet
375Kb / 16P
   Serial Digital Output Thermometers
REV. 0
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
REV. A
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
   Serial Digital Output Thermometers
logo
List of Unclassifed Man...
715 ETC2-715 Datasheet
100Kb / 1P
   DUAL INPUT DIGITAL THERMOMETERS
625 ETC2-625 Datasheet
87Kb / 1P
   COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
   SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com