Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7470 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7470
Description  Temperature Sensor Hub and Fan Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7470 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7470_17 Datasheet HTML 2Page - Analog Devices ADT7470_17 Datasheet HTML 3Page - Analog Devices ADT7470_17 Datasheet HTML 4Page - Analog Devices ADT7470_17 Datasheet HTML 5Page - Analog Devices ADT7470_17 Datasheet HTML 6Page - Analog Devices ADT7470_17 Datasheet HTML 7Page - Analog Devices ADT7470_17 Datasheet HTML 8Page - Analog Devices ADT7470_17 Datasheet HTML 9Page - Analog Devices ADT7470_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Data Sheet
ADT7470
Rev. E | Page 5 of 40
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Positive Supply Voltage (VCC)
6.5 V
Voltage on Any TACH or PWM Pin
–0.3 V to +6.5 V
Voltage on Any Input or Output Pin
–0.3 V to VCC + 0.3 V
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature, Soldering
Vapor Phase, 60 sec
215°C
Infrared, 15 sec
200°C
ESD Rating (HBM)
3000 V
THERMAL CHARACTERISTICS
16-Lead QSOP Package:
θJA = 105°C/W
θJC = 39°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADT7470_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7470 AD-ADT7470_13 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
ADT7470 AD-ADT7470_15 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
More results

Similar Description - ADT7470_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7470 AD-ADT7470 Datasheet
522Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. PrA
ADT7470 AD-ADT7470_13 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
ADT7470 AD-ADT7470_15 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
   Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com