Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7302ARMZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7302ARMZ-REEL7
Description  Accurate, Micropower Digital Accurate, Micropower Digital
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARMZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADT7302ARMZ-REEL7 Datasheet HTML 1Page - Analog Devices ADT7302ARMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADT7302ARMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADT7302ARMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADT7302ARMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADT7302ARMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADT7302ARMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADT7302ARMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADT7302ARMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADT7302
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ..............................................7
Theory of Operation .........................................................................9
Converter Details ..........................................................................9
Temperature Value Register.........................................................9
Serial Interface ............................................................................ 10
Applications Information .............................................................. 12
Microprocessor Interfacing....................................................... 12
Mounting the ADT7302............................................................ 14
Supply Decoupling ..................................................................... 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
6/11—Rev. A to Rev. B
Changed Temperature Conversion Time from 800 µs to 1.2 ms.. 3
Changed Temperature Conversion Time in Converter
Details Section .................................................................................. 9
3/10—Rev. 0 to Rev. A
Change to Autoconversion Update Rate Parameter, Table 1...... 3
Changes to Converter Details Section ........................................... 9
Updated Outline Dimensions....................................................... 15
10/05—Revision 0: Initial Version


Similar Part No. - ADT7302ARMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302ARMZ-REEL7 AD-ADT7302ARMZ-REEL7 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7302ARMZ-REEL7 AD-ADT7302ARMZ-REEL7 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results

Similar Description - ADT7302ARMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com