Electronic Components Datasheet Search |
|
DG85A-7021-9D-1024-S2R Datasheet(PDF) 2 Page - Willow Technologies Ltd |
|
DG85A-7021-9D-1024-S2R Datasheet(HTML) 2 Page - Willow Technologies Ltd |
2 / 4 page DG85 series automotive / industrial relays Ref: DG85 021916JHM Coil Data Table 1 Model Coil voltage code Nominal voltage (VDC) Coil resistance (Ω) ±10% Must operate voltage Max. (VDC) Maximum Allowable voltage (VDC)* Must release voltage min. (VDC) DG85A DG85B DG85C DG85D 1006 6 22 3.6 10.1 0.6 1012 12 90 7.2 20.5 1.2 1024 24 330 14.4 39.1 2.4 DG85F 1006 6 15.6 3.6 6.4 0.6 1012 12 62.5 7.2 14.8 1.2 1024 24 250 14.4 28.8 2.4 * At ambient temperature of 85’C and above, up to maximum ambient temperature of 125’C, maximum allowable voltage should be reduced by 28% Page 2 of 4 www.aecsensors.com Sales Department Tel: (888) 847-6552 Ordering codes Type Contact material Contact arrangement Cover protec- tion and mounting Coil code Options D G 8 5 - - - - Series A - 40/30A B - 60/40A see Table 1 C - 80/60A D - 100A F - 60/40A Options 1 Metal Brackets* Nil - No options Contact material M1 - Metal bracket 10 - AgCdO M2 - Bent metal bracket 20 - AgNi S1 - Skirted cover & metal bracket 70 - AgSnOInO 80 - AgNi0.15 (consult factory) S2 - Skirted cover & bent metal bracket Contact arrangement Options 2 Parallel Components 11 - SPDT (1 C/O, 1 Form C) Nil - No options 21 - SPST-NO (1N/O, 1 Form A) R - Integral resistor Cover protection category D - Integral diode +85, -86 3 - in cover, sealed - IP67 (not available for DG85C & DG85D, nor for any metal mounting bracket) DR - Integral diode reversed -85, +86 (standard) 7 - in cover, dust cover - IP54 BD - Bi-directional diode 9 - Cover with mounting bracket (plastic, unless optional metal bracket specified) Connection mode * Metal brackets factory fitted to cover as standard 5 - for PCB Consult factory for brackets supplied loose 6 - Flat Blades D - Double 87 flat blades (DG85A, DG85B & SPST-NO only) Specifications are liable to change without notice. E&OE . |
Similar Part No. - DG85A-7021-9D-1024-S2R |
|
Similar Description - DG85A-7021-9D-1024-S2R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |