Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF1049 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF1049
Description  Base station LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF1049 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF1049 Datasheet HTML 4Page - NXP Semiconductors BLF1049 Datasheet HTML 5Page - NXP Semiconductors BLF1049 Datasheet HTML 6Page - NXP Semiconductors BLF1049 Datasheet HTML 7Page - NXP Semiconductors BLF1049 Datasheet HTML 8Page - NXP Semiconductors BLF1049 Datasheet HTML 9Page - NXP Semiconductors BLF1049 Datasheet HTML 10Page - NXP Semiconductors BLF1049 Datasheet HTML 11Page - NXP Semiconductors BLF1049 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2003 May 14
9
Philips Semiconductors
Product specification
Base station LDMOS transistor
BLF1049
List of components (see Figs 14 and 15)
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. The striplines are on a double copper-clad Rogers 6006 printed-circuit board (
ε
r = 6.15); thickness = 0.64 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
C1, C6, C13, C14, C15,
C16, C17
multilayer ceramic chip capacitor; note 1
68 pF
C2
multilayer ceramic chip capacitor; note 1
330 nF
C3
multilayer ceramic chip capacitor; note 1
100 nF
C4, C9, C10, C11, C12
tantalum capacitor
10
µF
C5, C18
air trimmer capacitor
5 pF
C7, C8
multilayer ceramic chip capacitor
8.2 pF
R1
potentiometer
1 k
Q1
7808 voltage regulator
Q2
BLF1049 LDMOS transistor
L1
stripline; note 2
5.22
× 0.92 mm
L2
stripline; note 2
6.47
× 0.92 mm
L3
stripline; note 2
5.38
× 4.8 mm
L4
stripline; note 2
2.4
× 0.92 mm
L5
ferroxcube
L6
stripline; note 2
9.73
× 0.92 mm
L7
stripline; note 2
1.82
× 9.3 mm
L8
stripline; note 2
8.15
× 17.9 mm
L9
stripline; note 2
44
× 0.92 mm
L10
stripline; note 2
18.45
× 28.3 mm
L11
stripline; note 2
9.95
× 5.38 mm
L12, L13
stripline; note 2
37.6
× 3.35 mm
L14
stripline; note 2
2.36
× 0.92 mm
L15, L16
stripline; note 2
4.22
× 0.92 mm


Similar Part No. - BLF1049

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF1043 PHILIPS-BLF1043 Datasheet
52Kb / 8P
   UHF power LDMOS transistor
2000 Feb 23
BLF1043 NXP-BLF1043 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF1046 PHILIPS-BLF1046 Datasheet
43Kb / 8P
   UHF power LDMOS transistor
2000 Feb 02
BLF1046 NXP-BLF1046 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF1047 PHILIPS-BLF1047 Datasheet
44Kb / 8P
   UHF power LDMOS transistor
2000 Feb 02
More results

Similar Description - BLF1049

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF0810-90 PHILIPS-BLF0810-90 Datasheet
108Kb / 16P
   Base station LDMOS transistors
2003 Jun 12
BLF0810-180 PHILIPS-BLF0810-180 Datasheet
117Kb / 16P
   Base station LDMOS transistors
2003 Jun 12
BLF900S-110 PHILIPS-BLF900S-110 Datasheet
137Kb / 13P
   Base station LDMOS transistors
2004 Feb 04
BLF6G10L PHILIPS-BLF6G10L Datasheet
284Kb / 15P
   260 W LDMOS power transistor for base station applications
Rev. 2-12 July 2013
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
   Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
   Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com