Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0115AG03LCF-JF Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115AG03LCF-JF
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115AG03LCF-JF Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115AG03LCF-JF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LCF-JF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LCF-JF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LCF-JF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LCF-JF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03LCF-JF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series NP01
Subminiature Smooth Actuation Pushbuttons
D75
D
www.nkkswitches.com
Actual Size
Distinctive Characteristics
Soft touch actuation achieved by mechanical silicon rubber structure.
Distinct, long stroke of 1.5mm (.059”).
Entire cap is fully illuminated with single or bicolor LED.
Compact design with dimension of 12.5mm (.492”) from
PC board to top of cap.
Alternating legend options with bicolor LED.
Available in both high (2.5N) or standard (1.5N)
operating force.
Gold plated contacts provide high reliability.
Crimped terminals ensure secure PC mounting
and prevent dislodging during soldering.
Molded-in terminals prevent entry of flux, solvents,
and other contaminants.


Similar Part No. - NP0115AG03LCF-JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LCF-JF NKK-NP0115AG03LCF-JF Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LCF-JF NKK-NP0115AG03LCF-JF Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LCF-JF-S NKK-NP0115AG03LCF-JF-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LCF-JF-S NKK-NP0115AG03LCF-JF-S Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0115AG03LCF-JF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com