Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0115AG03NF-JF Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115AG03NF-JF
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115AG03NF-JF Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115AG03NF-JF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NF-JF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NF-JF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NF-JF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NF-JF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NF-JF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series NP01
Subminiature Smooth Actuation Pushbuttons
D79
D
www.nkkswitches.com
Illuminated • Straight PC
NP0115HG03LF-JF
S
Stick-Tube Packaging
50 pieces per stick
Switches must be ordered in 50-piece
increments when stick-tube packaging
is selected. This packaging is for the
switch body only. Caps will be packaged
separately.
Partitioned Tray
Any quantity. No code is required. Switches may be packaged with or without caps installed.
No
Code
1. NP01 Pushbuttons are electrostatically sensitive. To prevent damage to LED, devices must
be properly isolated from static electricity.
2. Once the cap is installed onto the switch body, it cannot be removed.
3. When assembling cap, align projection on switch body to slot on inside of cap. (Refer to
illustration at right.)
4. * Legends may be printed on the lens with laser etch, screen print or pad print methods.
Epoxy based ink is recommended.
5. Do not use excessive force during installation on PC board or for cap installation.
* NKK Switches can provide custom legends for caps. Contact factory for more information.
A
Solid Color Cap for Nonilluminated
B
C
H
Black
White
Red
Gray
Material:
Polycarbonate Resin
AT3024
12mm Square Cap
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
CAP TYPES & COLORS (CONTINUED)
TYPICAL SWITCH DIMENSIONS
PACKAGING
PRECAUTIONS FOR HANDLING & STORAGE
(10.2)
.402
(12.0) Sq
.472
(12.0)
.472
Sq
(12.5)
.492
(10.2)
.402
(0.3)
.012
Typ
(7.0)
.276
(3.3)
.130
(2.1)
.083
LC2
2
L2
L1
LC1 1L3L4
(2.0)
.079
Typ
(0.5)
.020
Typ
(2.0)
.079
Typ
(7.0)
.276
(1.0)
.039
Dia Typ
CL
LC1
1
L3
L4
L1
L2
2
LC2
(15.3)
.602
(11.85)
.467
(470.0)
18.504
Projection
Slot
LEGEND ORIENTATION
LC2
2
L2
L1
LC1 1L3L4
LC2
OPEN
Orient cap with legend as shown here, and “LC2” at lower right of switch body.
Orders for switches with legends will be assembled as illustrated.
Top View
Bottom View


Similar Part No. - NP0115AG03NF-JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03NF-JF NKK-NP0115AG03NF-JF Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03NF-JF NKK-NP0115AG03NF-JF Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03NF-JF-S NKK-NP0115AG03NF-JF-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03NF-JF-S NKK-NP0115AG03NF-JF-S Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0115AG03NF-JF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com