Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC327-16 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC327-16
Description  Amplifier Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC327-16 Datasheet(HTML) 1 Page - ON Semiconductor

  BC327-16 Datasheet HTML 1Page - ON Semiconductor BC327-16 Datasheet HTML 2Page - ON Semiconductor BC327-16 Datasheet HTML 3Page - ON Semiconductor BC327-16 Datasheet HTML 4Page - ON Semiconductor BC327-16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 4
1
Publication Order Number:
BC327/D
BC327, BC327−16,
BC327−25, BC327−40
Amplifier Transistors
PNP Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
VCEO
−45
Vdc
Collector −Base Voltage
VCES
−50
Vdc
Collector −Emitter Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−800
mAdc
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
625
5.0
mW
mW/°C
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
1.5
12
W
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg −55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
BCxx = Device Code
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
MARKING DIAGRAM
TO−92
CASE 29
STYLE 17
1 2
3
(Note: Microdot may be in either location)
http://onsemi.com
BC
xx
AYWW G
G
COLLECTOR
1
2
BASE
3
EMITTER
See detailed ordering, marking, and shipping information in
the package dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
1
2
3
BENT LEAD
STRAIGHT LEAD
BULK PACK
TAPE & REEL
AMMO PACK


Similar Part No. - BC327-16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC327-16 MOTOROLA-BC327-16 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327-16 PHILIPS-BC327-16 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC327-16 PHILIPS-BC327-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC327-16 SIEMENS-BC327-16 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC327-16 DIOTEC-BC327-16 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

Similar Description - BC327-16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com