Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV802A-70TI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49BV802A-70TI
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802A-70TI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49BV802A-70TI Datasheet HTML 4Page - ATMEL Corporation AT49BV802A-70TI Datasheet HTML 5Page - ATMEL Corporation AT49BV802A-70TI Datasheet HTML 6Page - ATMEL Corporation AT49BV802A-70TI Datasheet HTML 7Page - ATMEL Corporation AT49BV802A-70TI Datasheet HTML 8Page - ATMEL Corporation AT49BV802A-70TI Datasheet HTML 9Page - ATMEL Corporation AT49BV802A-70TI Datasheet HTML 10Page - ATMEL Corporation AT49BV802A-70TI Datasheet HTML 11Page - ATMEL Corporation AT49BV802A-70TI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
AT49BV802A(T)
3405C–FLASH–9/04
Figure 1. Data Polling Algorithm
(Configuration Register = 00)
Notes:
1. VA = Valid address for programming. During a sec-
tor erase operation, a valid address is any sector
address within the sector being erased. During
chip erase, a valid address is any non-protected
sector address.
2. I/O7 should be rechecked even if I/O5 = “1”
because I/O7 may change simultaneously with
I/O5.
START
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
I/O5 = 1?
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
Program/Erase
Operation Not
Successful, Write
Product ID
Exit Command
NO
NO
NO
YES
YES
YES
Program/Erase
Operation
Successful,
Device in
Read Mode
Figure 2. Data Polling Algorithm
(Configuration Register = 01)
Note:
1. VA = Valid address for programming. During a sec-
tor erase operation, a valid address is any sector
address within the sector being erased. During
chip erase, a valid address is any non-protected
sector address.
START
Read I/O7 - I/O0
Read I/O7 - I/O0
Toggle Bit =
Toggle?
I/O5 = 1?
Read I/O7 - I/O0
Twice
Toggle Bit =
Toggle?
Program/Erase
Operation Not
Successful, Write
Product ID
Exit Command
Program/Erase
Operation
Successful,
Write Product
ID Exit Command
NO
NO
NO
YES
YES
YES


Similar Part No. - AT49BV802A-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802D-70CU ATMEL-AT49BV802D-70CU Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802D-70TU ATMEL-AT49BV802D-70TU Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802DT ATMEL-AT49BV802DT Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802DT-70CU ATMEL-AT49BV802DT-70CU Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV802A-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com