Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF15G Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SF15G
Description  Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SF15G Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SF15G Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SF15G Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SF15G Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SF15G Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SF11G THRU SF18G
 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A148
Rev.2.0, 28-Apr-14
www.21yangjie.com
Super Fast Recovery Rectifier
Features
● Ultrafast reverse recovery time
● Low leakage current
● Low switching losses, high efficiency
● High forward surge capability
● Glass passivated chip junction
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters
for consumer, computer and telecommunication.
Mechanical Data
Package: DO-204AL(DO-41)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Color band denotes the cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
SF11G
SF12G
SF13G
SF14G
SF15G
SF16G
SF17G
SF18G
Device marking code
SF11G
SF12G
SF13G
SF14G
SF15G
SF16G
SF17G
SF18G
Repetitive Peak Reverse Voltage
VRRM
V
50
100
150
200
300
400
500
600
Average Forward Current @60Hz sine wave,
Resistance load, Ta =60℃
IF(AV)
A
1.0
Surge(Non-repetitive)Forward Current
@ 60Hz Half-sine wave,1 cycle, Ta=25℃
IFSM
A
30
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55~+150
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
SF11G
SF12G
SF13G
SF14G
SF15G
SF16G
SF17G
SF18G
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=1.0A
0.95
1.3
1.7
Maximum DC reverse current
at rated DC blocking voltage per
diode
IR
μA
Ta=25℃
5
Ta=125℃
150
Reverse Recovery time
trr
ns
IF=0.5A IR=1A
IRR=0.25A
35
Typical junction capacitance
Cj
pF
Measured at 1MHZ
and Applied
Reverse Voltage of
4.0 V.D.C.
40
25
COMPLIANT
RoHS


Similar Part No. - SF15G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF15G JGD-SF15G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF15G TSC-SF15G Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF15G TSC-SF15G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Jinan Jing Heng Electro...
SF15G JINGHENG-SF15G Datasheet
59Kb / 2P
   SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF15G TSC-SF15G Datasheet
261Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF15G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
U16U10PT CHENMKO-U16U10PT Datasheet
109Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com