Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF11GS Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SF11GS
Description  Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SF11GS Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SF11GS Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SF11GS Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A149
Rev. 1.1, 28-Apr-14
www.21yangjie.com
SF11GS THRU SF18GS
超快恢复二极管 Super Fast Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
●Io
1.0A
●VRRM
50V-600V
● 耐正向浪涌电流能力高
●High surge current capability
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
SF1
1GS
2GS
3GS
4GS
5GS
6GS
7GS
8GS
反向重复峰值电压
Repetitive
Peak
Reverse
Voltage
VRRM
V
50
100
150
200
300
400
500
600
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻
负载
,Ta=50℃
60Hz Half-sine wave,
Resistance
load,
Ta=50℃
1.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forwar
d Current
IFSM
A
正弦半波
60Hz,一个
周期,
Ta=25℃
60Hz
Half-sine
wave,1
cycle,
Ta=25℃
30
结温
Junction Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
SF1
1GS
2GS
3GS
4GS
5GS
6GS
7GS
8GS
正向峰值电压
Peak Forward Voltage
V
FM
V
I
FM=1.0A
0.95
1.3
1.7
反向峰值电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta=25℃
5
I
RRM2
Ta=125℃
150
反向恢复时间
Reverse Recovery time
trr
ns
IF=0.5A IR=1A
IRR=0.25A
35
热阻
(典型)
Thermal
Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and
ambient
65
结电容
Typical junction capacitance
Cj
pF
Measured at 1MHZ and
Applied Reverse Voltage of
4.0 V.D.C.
40
25
1.0(25.4)
MIN
.205(5.21)
.166(4.22)
.025(0.64)
.021(0.53)
.107(2.72)
.080(2.03)
1.0(25.4)
MIN
(A-405 )
Unit: in inches (millimeters)
COMPLIANT
RoHS


Similar Part No. - SF11GS

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF11G JGD-SF11G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
Zibo Seno Electronic En...
SF11G ZSELEC-SF11G Datasheet
117Kb / 2P
   1.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Leshan Radio Company
SF11G LRC-SF11G Datasheet
241Kb / 7P
   Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results

Similar Description - SF11GS

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com