Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

320420706 Datasheet(PDF) 2 Page - Contrinex AG Industrial Electronics

Part # 320420706
Description  INDUCTIVE SENSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTRINEX [Contrinex AG Industrial Electronics]
Direct Link  https://www.contrinex.com/
Logo CONTRINEX - Contrinex AG Industrial Electronics

320420706 Datasheet(HTML) 2 Page - Contrinex AG Industrial Electronics

  320420706 Datasheet HTML 1Page - Contrinex AG Industrial Electronics 320420706 Datasheet HTML 2Page - Contrinex AG Industrial Electronics 320420706 Datasheet HTML 3Page - Contrinex AG Industrial Electronics 320420706 Datasheet HTML 4Page - Contrinex AG Industrial Electronics 320420706 Datasheet HTML 5Page - Contrinex AG Industrial Electronics 320420706 Datasheet HTML 6Page - Contrinex AG Industrial Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DW_Ax_70x_C23-xxx_Rev 0_09.03.17_MDM
CONTRINEX AG Industrial Electronics
route du Pâqui 5 - P.O. Box - CH 1720 Corminboeuf - Switzerland - Tel: +41 26 460 46 46 -
Fax: +41 26 460 46 40 - Internet: www.contrinex.com - E-mail: info@contrinex.com
Operators of the products we supply are responsible for compliance with measures for the protection of persons. The use of our equipment in applica-
tions where the safety of persons might be at risk is only authorized if the operator observes and implements separate, appropriate and necessary
measures for the protection of persons and machines. Terms of delivery and rights to change design reserved.
CORRECTION FACTORS
Steel FE 360
1.0
Copper
0.8
Aluminum
1.0
Brass
1.2
Stainless S. V2A 1 / 2 mm 0.5 / 0.85
WIRING DIAGRAM
PIN ASSIGNMENT
AVAILABLE TYPES
Part number
Part reference
Polarity
Connection
Output on pin 4
320 420 704
DW-AD-701-C23
NPN
Cable 2 m PVC
Normally open (NO)
320 420 714
DW-AD-702-C23
NPN
Cable 2 m PVC
Normally closed (NC)
320 420 705
DW-AD-703-C23
PNP
Cable 2 m PVC
Normally open (NO) / IO-Link
320 420 730
DW-AD-704-C23
PNP
Cable 2 m PVC
Normally closed (NC)
320 420 706
DW-AV-701-C23-276
NPN
Cable 0.2 m PVC + connector M8-3pin
Normally open (NO)
320 420 731
DW-AV-702-C23-276
NPN
Cable 0.2 m PVC + connector M8-3pin
Normally closed (NC)
320 420 707
DW-AV-703-C23-276
PNP
Cable 0.2 m PVC + connector M8-3pin
Normally open (NO) / IO-Link
320 420 732
DW-AV-704-C23-276
PNP
Cable 0.2 m PVC + connector M8-3pin
Normally closed (NC)
Note: part reference may include additional suffix to indicate a revision version or special version. Further information is available on request.
4
13
M8
INSTALLATION CONDITIONS
IO-LINK FUNCTIONALITIES
IO-Link version
1.0
SIO mode
Supported
Process data
Detection 80% S
r & 100% Sr
Baudrate
COM2 (38.4 kBaud)
Special functions
NO/NC selection, output timing,
event flags
Note: the operating distance of the sensor must be multiplied by the correction factor of the material. For example, the operating distance on Aluminum is S
n, Al = Sn x CFAl. In case of embeddable
mounting, the distance is multiplied by the additional correction factor of the support, thus S
n, Al = Sn x CFAl x CFemb, Al.
Note: additional installation information can be found in the glossary of the Contrinex General Catalog.
A : metal free zone
B : sensing face
C : support
a : 21 mm
b : 60 mm
c : 21 mm
CORRECTION FACTORS FOR EMBEDDABLE MOUNTING IN SUPPORT OF
Steel FE 360
0.9
Copper
-
Aluminum
0.95
Brass
1.0
Stainless S. V2A
1.1


Similar Part No. - 320420706

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
320420706 CONTRINEX-320420706 Datasheet
345Kb / 6P
   INDUCTIVE SENSOR
320420706 CONTRINEX-320420706 Datasheet
345Kb / 6P
   INDUCTIVE SENSOR
320420706 CONTRINEX-320420706 Datasheet
345Kb / 6P
   INDUCTIVE SENSOR
320420706 CONTRINEX-320420706 Datasheet
345Kb / 6P
   INDUCTIVE SENSOR
More results

Similar Description - 320420706

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NBB8-18GM50-E2-Y278765 PF-NBB8-18GM50-E2-Y278765 Datasheet
165Kb / 1P
   Inductive sensor
NBN8-12GM50-E2-V1-Y323749 PF-NBN8-12GM50-E2-V1-Y323749 Datasheet
211Kb / 2P
   Inductive sensor
NBN40-U1-E0-M PF-NBN40-U1-E0-M Datasheet
298Kb / 2P
   Inductive sensor
NBN40-U1-E3-M PF-NBN40-U1-E3-M Datasheet
296Kb / 2P
   Inductive sensor
NJ8-18GK-SN-50M PF-NJ8-18GK-SN-50M Datasheet
210Kb / 2P
   Inductive sensor
NBB15-30GM50-E0-M-Y242746 PF-NBB15-30GM50-E0-M-Y242746 Datasheet
260Kb / 2P
   Inductive sensor
NCB2-12GM60-B3-V1 PF-NCB2-12GM60-B3-V1 Datasheet
259Kb / 2P
   Inductive sensor
NCB5-18GM60-B3B-V1 PF-NCB5-18GM60-B3B-V1 Datasheet
292Kb / 3P
   Inductive sensor
NMB6-F104M-E2-FE-200MM-V3 PF-NMB6-F104M-E2-FE-200MM-V3 Datasheet
226Kb / 2P
   Inductive sensor
NJ2-12GM40-E PF-NJ2-12GM40-E Datasheet
134Kb / 1P
   Inductive sensor
NBB2-F29-A2-5M PF-NBB2-F29-A2-5M Datasheet
164Kb / 1P
   Inductive sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com