Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5521 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5521
Description  Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5521 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5521 Datasheet HTML 1Page - Anpec Electronics Coropration APL5521 Datasheet HTML 2Page - Anpec Electronics Coropration APL5521 Datasheet HTML 3Page - Anpec Electronics Coropration APL5521 Datasheet HTML 4Page - Anpec Electronics Coropration APL5521 Datasheet HTML 5Page - Anpec Electronics Coropration APL5521 Datasheet HTML 6Page - Anpec Electronics Coropration APL5521 Datasheet HTML 7Page - Anpec Electronics Coropration APL5521 Datasheet HTML 8Page - Anpec Electronics Coropration APL5521 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Oct., 2003
APL5521
www.anpec.com.tw
3
Electrical Characteristics (Cont.)
Unless otherwise noted these specifications apply over full temperature, T
J=0 to 125°C. Typical values refer to
TJ=25
°C.

APL5521
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Output1 (500mA)
VOUT1 Output 1 Voltage
4.75< VIN<8.0V, 0mA< IOUT1 < 500mA
3.234
3.3
3.366
V
IOUT1
Output 1 Current
Capability
VIN=5V
500
mA
REGLINE Line Regulation
4.75< VIN1<8.0V, IOUT1 =0mA
1
10
mV
REGLOAD Load Regulation
VIN=5V, 0mA< IOUT1 < 500mA
14
24
mV
Load Transient
VIN= 5V, IOUT1=1mA~500mA in 30us
70
150
mV
VDROP Dropout Voltage
(Note)
IOUT1 =500mA
1.25
1.4
V
PSRR Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = 5V
55
65
dB
COUT
Output Capacitor
COUT1
10
µF
Output2 (300mA)
VOUT2 Output 2 Voltage
4.75< VIN<8.0V, 0mA< IOUT 2< 300mA
2.450
2.5
2.550
V
IOUT2
Output 2 Current
Capability
VIN=5 V
300
mA
REGLINE Line Regulation
4.75< VIN<8.0V, IOUT2 =0mA
1
10
mV
REGLOAD Load Regulation
VIN =5V, 0mA< IOUT2< 300mA
8
18
mV
Load Transient
VIN=5V, IOUT2=1mA~300mA in 20us
70
150
mV
VDROP Dropout Voltage
(Note)
IOUT1 =300mA
1.2
1.35
V
PSRR Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = 5V
55
65
dB
COUT
Output Capacitor
COUT2

10
µF
 Note: Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 1.4V
Application Circuit
VOUT1
5
6
7
8
1
2
3
4
VOUT2
VIN
10
µ F
4.7
µ F
10
µ F
APL5521


Similar Part No. - APL5521

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5522KAC-TRG ANPEC-APL5522KAC-TRG Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5522KC-TRG ANPEC-APL5522KC-TRG Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5523 ANPEC-APL5523 Datasheet
143Kb / 11P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5523K ANPEC-APL5523K Datasheet
143Kb / 11P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
More results

Similar Description - APL5521

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
APL5523 ANPEC-APL5523_09 Datasheet
253Kb / 13P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5523 ANPEC-APL5523 Datasheet
143Kb / 11P
   Dual-Channel, 3.3V/500mA and 1.8V/300mA Linear Regulator
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Union Semiconductor, In...
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
logo
Sipex Corporation
SP6231 SIPEX-SP6231 Datasheet
145Kb / 10P
   500mA, 3.3V Linear Regulator with Auxiliary Backup
logo
Cherry Semiconductor Co...
CS5231-3 CHERRY-CS5231-3 Datasheet
280Kb / 11P
   500mA, 3.3V Linear Regulator with Auxiliary Control
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com