Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE1231KG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1231KG4
Description  G.SHDSL ANALOG FRONT-END
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1231KG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button AFE1231KG4 Datasheet HTML 4Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 5Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 6Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 7Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 8Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 9Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 10Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 11Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AFE1230
8
SBWS015A
TABLE IV. tx Data Structure.
TABLE V. tx Data Format.
BIT
DESCRIPTION
BIT STATE
OUTPUT STATE
47-32
tx D/A Converter Word 1
XXXX
16-Bit Binary Two's Complement Word to tx D/A Converter (MSB First)
31
Power Control
0
Normal Power, Any Speed
1
Low Power, Low Speed (< 1/2 Full Word Rate)
30
Reserved(1)
0
Reserved for Future Use
29-28
tx Cutoff Frequency Control
00
0.25x Word Rate
01
0.38x Word Rate
10
0.5x Word Rate
11
Not Used
27
tx Filter Order
0
Fifth-Order Butterworth
1
Seventh-Order Butterworth
26-25
tx Power Backoff
00
Normal Transient Power
01
Normal Transient Power –6dB
10
Normal Transient Power –12dB
11
Normal Transient Power –18dB
24
rx Cutoff Frequency Control
0
0.25x Word Rate
1
0.5x Word Rate
23-8
tx D/A Converter Word 2
XXXX
16-Bit Binary Two's Complement Word to tx D/A Converter (MSB First)
7-6
Reserved(1)
00
Reserved for Future Use
5-3
rx Gain Settings
000
rx Gain = 0dB
001
rx Gain = 3dB
010
rx Gain = 6dB
011
rx Gain = 9dB
100
rx Gain = 12dB
101
rx Gain = 15dB
110
rx Gain = 18dB
111
rx Gain = 21dB
2-1
Loop-Back Control
00
Normal Operation
01
Loop-Back Mode Digital, tx Data to rx Data
10
Hybrid Mode, Line Input Connected to VCM
11
Line Mode, Hybrid Input Connected to VCM
0
Reserved(1)
0
Reserved
NOTE: (1) Reserved Bits must be set to 0.
16
MSB
11
2
1
1
2
tx Power Backoff
rx Cutoff Frequency
tx Filter Order
tx Cutoff Frequency
Spare
Loopback
Spare
rx Gain
Spare
tx DAC Word 2
Low Power
tx DAC Word 1
16
2
3
2
1


Similar Part No. - AFE1231KG4

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
AFE1200-96S24NA ARTESYN-AFE1200-96S24NA Datasheet
104Kb / 3P
   Single output
AFE1200-96S48NA ARTESYN-AFE1200-96S48NA Datasheet
104Kb / 3P
   Single output
logo
Burr-Brown (TI)
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203 TI-AFE1203 Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
More results

Similar Description - AFE1231KG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
   SCANNER ANALOG FRONT END
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
[Old version datasheet]   ADSL ANALOG FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com