Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE1231KG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1231KG4
Description  G.SHDSL ANALOG FRONT-END
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1231KG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  AFE1231KG4 Datasheet HTML 1Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 2Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 3Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 4Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 5Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 6Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 7Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 8Page - Burr-Brown (TI) AFE1231KG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AFE1230
5
SBWS015A
Receive Filter
The receive filter consists of three independent sections used
for both the removal of quantization noise as well as the
reduction of data rate (otherwise known as downsampling).
The first section is comprised of a sinc5 filter with a
downsampling ratio of 12x. The resulting digital signal is then
passed to a droop compensation filter before being sent
through the final IIR filter section, while being downsampled
by two. Two filter cutoff configurations are available, as seen
in Table II. The corresponding cutoff frequencies relate to the
full-rate low-pass filter spectral template of the filter, as seen
from the inputs of Table II.
Transmit Power
The on-chip differential line driver is designed to drive G.SHDSL
power levels directly, or it can be used as a low-power buffer for
driving a higher power external driver (for example the OPA2677)
for applications such as HDSL2. The AFE1230 driver will
generate an output swing of 6.2V peak-to-peak differential.
When used with a suitable transformer (see Figures 8 and 10),
the AFE1230 can generate up to 14.5dBm of power into a 135
line load. When used as a buffer with an OPA2677 driver,
17dBm of power can be generated. Relative transmit power can
be controlled digitally through control bits sent to the transmit
section by the serial interface. Relative transmit power reduction
can be set to 0, –6, –12, or –18dB, depending on the control bits
presented to the AFE1230, as shown in Table III.
FIGURE 2. Overall Transmit Filter. D/A Converter Frequency Response, Fifth-Order with 0.25x, 0.38x, and 0.5x.
FIGURE 3. Overall Transmit Filter. D/A Converter Frequency Response, Seventh-Order with 0.25x, 0.38x, and 0.5x.
TABLE III. Transmit Power Backoff.
TABLE II. rx Filter Cutoff Frequency Setting.
rx CUTOFF (txData Bit 24)
RATIO (Corner Frequency)
0
0.25 MCLK/24
1
0.5 MCLK/24
TRANSMIT POWER
TRANSMIT
BACK OFF CODE
POWER
TRANSMIT POWER
(txData Bits 25, 26)
REDUCTION
G.SHDSL
HDSL2
00
0dB
14.5dBm
17.0dBm
01
–6dB
8.5dBm
11.0dBm
10
–12dB
2.5dBm
5.0dBm
11
–18dB
–4.5dBm
–1.0dBm
0
–50
–100
–150
–200
–250
–300
10–3
10–2
10–1
100
0
–50
–100
–150
–200
–250
–300
–350
10–3
10–2
10–1
100


Similar Part No. - AFE1231KG4

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
AFE1200-96S24NA ARTESYN-AFE1200-96S24NA Datasheet
104Kb / 3P
   Single output
AFE1200-96S48NA ARTESYN-AFE1200-96S48NA Datasheet
104Kb / 3P
   Single output
logo
Burr-Brown (TI)
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203 TI-AFE1203 Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
More results

Similar Description - AFE1231KG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
   SCANNER ANALOG FRONT END
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
[Old version datasheet]   ADSL ANALOG FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com