Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER107GS Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # HER107GS
Description  High Efficient Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HER107GS Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  HER107GS Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HER107GS Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A089
Rev. 1.2, 28-Apr-14
www.21yangjie.com
HER101GS THRU HER108GS
■特性曲线(典型) Characteristics(Typical)
FIG.4 典型反向特性曲线
TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=100℃
Tj=125℃
Tj=25℃
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
HER101GS-HER103GS
HER104GS-HER105GS
HER106GS-HER108GS
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.6
0.1
0.2
0.4
1.0
2.0
4.0
10
20
VF(V)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FIG.3 典型正向特性曲线
TYPICAL FORWARD CHARACTERISTICS
HER101GS-HER103GS
HER104GS-HER105GS
HER106GS-HER108GS
0
0 . 2
0 . 4
0 . 6
0 . 8
1 . 0
50
1 0 0
150
FIG.1
正向电流降额曲线
FORWARD CURRENT DERATING CURVE
S
ingle Phase
Half Wave 60HZ
Resisteve or
Inductive Load
0.375''(9.5mm)
Lead Length
Ta(℃)
100
0.2
0.4
0.6
0.8
1.0
0
周波数
Number of Cycles
FIG.2 最大正向浪涌冲击耐受力
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6
8 10
20
40
60 80 100
5
10
15
20
25
30
0
反向恢复时间试验电路及测试波形示意图
Diagram of circuit and Testing wave form of reverse recovery time
-0.25
-1.0
+0.5
/
(-)
(+)
(-)
(+)
50Ω
10Ω
=7
=1 Ω 22
=10
.
Ω


Similar Part No. - HER107GS

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER107G JGD-HER107G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER107G CHONGQING-HER107G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
HER107G DACHANG-HER107G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Shanghai Lunsure Electr...
HER107G CHENYI-HER107G Datasheet
157Kb / 2P
   GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
SeCoS Halbleitertechnol...
HER107G SECOS-HER107G Datasheet
454Kb / 2P
   1.0 AMP Glass Passivated High Efficiency Rectifier
More results

Similar Description - HER107GS

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
   High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
logo
Yangzhou yangjie electr...
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
   High Efficient Rectifier
HS3AB YANGJIE-HS3AB Datasheet
144Kb / 2P
   High Efficient Rectifier
HER101 YANGJIE-HER101 Datasheet
194Kb / 4P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com