Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES5D Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # ES5D
Description  Super Fast Recovery Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ES5D Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  ES5D Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ES5D Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ES5D Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ES5D Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ES5A THRU ES5J 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S031
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
ES5A
ES5B
 
ES5C
 
ES5D
 
ES5F
 
ES5G
 
ES5H
 
ES5J
 
Thermal
Resistance
Junction to ambient
R
θJ-A
/W
45
1) 
Junction to lead
R
θJ-L
12
1) 
Junction to case
R
θJ-c
6.5
1)
Note(1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas
Ordering Information (Example)
PREFERED P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
ES5A~ES5J
F1
Approximate 0.254
3000
6000
42000
13” reel
■ Characteristics(Typical)
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
50
100
150
175
0
Number of Cycles
FIG.2: Forward Surge Current Capability
0
50
1 0 0
150
S
ingle Phase
Half Wave 60HZ
Resisteve or
Inductive Load
0.375''(9.5mm)
Lead Length
100
0
1 . 0
1.0
2.0
3.0
4.0
5.0
Lead Temperature (℃)
FIG.1: Io-TL Curve
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
TJ=25
Pulse width=300us
1% Duty Cycle
0.01
0.6
0.8
1.0
1.2
1.4
0.1
100
1.0
10
2.0
1.6
1.8
ES5A-ES5D
ES5F-ES5G
ES5H-ES5J
Tj=100℃
Tj=25℃
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Tj=125℃


Similar Part No. - ES5D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5D FORMOSA-ES5D Datasheet
119Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES5D YIXIN-ES5D Datasheet
244Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5D JUXING-ES5D Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
More results

Similar Description - ES5D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
   Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
   Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
   Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
   Super Fast Recovery Rectifier Diode
ES5A YANGJIE-ES5A Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
   Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com