Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES5C Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # ES5C
Description  Super Fast Recovery Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ES5C Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  ES5C Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ES5C Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ES5C Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ES5C Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES5A THRU ES5J 
 
3 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S031
Rev. 2.0, 28-Apr-14
www.21yangjie.com
■ Outline Dimensions
DO-214AB (SMC)
Dim
Min
Max
A
6.60
7.11
B
2.85
3.27
C
5.59
6.22
D
7.75
8.13
E
1.99
2.61
F
0.15
0.31
G
0.76
1.52
H
0.10
0.20
■ Suggested pad layout
Dim
Min
P1
9.9
P2
3.84
Q1 
3.03
Q2 
3.82
Dimensions in millimeters
P2
Q2
Q1
P1
0
trr
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
-0.25A
-1.0A
+0.5A
1cm
SET TIME BASE FOR
5/10ns/cm
(-)
(+)
(-)
(+)
50Ω
NONINDUCTIVE
10Ω
NONINDUCTIVE
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE1)
DUT
NONINDUCTIV
NOTES:
1.Rise Time=7ns max .Inpot Impedance=1MΩ 22pf
2.Rise Time=10ns max.Sourse Impedance=50Ω
Dimensions in millimeters
DO-214AB(SMC)


Similar Part No. - ES5C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5C FORMOSA-ES5C Datasheet
119Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES5C YIXIN-ES5C Datasheet
244Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5C THINKISEMI-ES5C Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5C JUXING-ES5C Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
logo
Thinki Semiconductor Co...
ES5C THINKISEMI-ES5C Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
More results

Similar Description - ES5C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
   Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
   Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
   Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
   Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com