Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9459901MYC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5962-9459901MYC
Description  CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5962-9459901MYC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5962-9459901MYC Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-9459901MYC Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-9459901MYC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9459901MYC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9459901MYC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9459901MYC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9459901MYC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9459901MYC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-9459901MYC Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STK12C68-M
4-61
access cycle time is longer than 55ns.
Figure 2 below
shows the relationship between I
CC and access times
for READ cycles. All remaining inputs are assumed to
cycle, and current consumption is given for all inputs at
CMOS
or TTL levels.
Figure 3 shows the same relation-
ship for WRITE cycles.
When E is HIGH, the chip
consumes only standby currents, and these plots do
not apply.
The cycle time used in
Figure 2 corresponds to the
length of time from the later of the last address transi-
tion or E going LOW to the earlier of E going HIGH or the
next address transition. W is assumed to be HIGH,
while the state of G does not matter. Additional current
is consumed when the address lines change state
while E is asserted. The cycle time used in
Figure 3
corresponds to the length of time from the later of W or
E going LOW to the earlier of W or E going HIGH.
The overall average current drawn by the part depends
on the following items: 1) CMOS or TTL input levels; 2)
the time during which the chip is disabled (E HIGH); 3)
the cycle time for accesses (E LOW); 4) the ratio of
reads to writes; 5) the operating temperature; 6) the
V
CC level; and 7) output load.
WRITE
operation has taken place since the most recent
STORE
cycle. Note that if HSB is driven low via external
circuitry and no WRITEs have taken place, the part will
still be disabled until HSB is allowed to return HIGH.
Software initiated STORE cycles are performed regard-
less of whether or not a WRITE operation has taken
place.
PREVENTING AUTOMATIC STORES
The
AutoStore™ function can be disabled on the fly by
holding HSB HIGH with a driver capable of sourcing
15mA at a VOH of at least 2.2V as it will have to
overpower the internal pull-down device that drives
HSB low for 50ns at the onset of an
AutoStore™.
When
the
STK12C68-M
is
connected
for
AutoStore™operation (system V
CC connected to VCCX
and a 100uF capacitor on V
CAP) and VCC crosses
V
SWITCH on the way down, the STK12C68 will attempt
to pull HSB LOW ; if HSB doesn't actually get below V
IL,
the part will stop trying to pull HSB LOW and abort the
AutoStore™attempt.
LOW AVERAGE ACTIVE POWER
The STK12C68-M has been designed to draw signifi-
cantly less power when E is LOW (chip enabled) but the
100
80
60
40
20
50
100
150
200
0
TTL
CMOS
Cycle Time (ns)
100
80
60
40
20
50
100
150
200
0
TTL
CMOS
Cycle Time (ns)
1
28
26
V
V
HSB
CAP
CCX
VSS
14
0.1uF
Bypass
100uF
± 20%
+
Power
Supply
10K Ohms
(optional)
nvSRAM
Note: Typical at 25
° C
Figure 1
Schematic Diagram
Figure 2
ICC (Max) Reads
Figure 3
ICC (Max) Writes


Similar Part No. - 5962-9459901MYC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9459301MPA AD-5962-9459301MPA Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
5962-9459301MPA AD-5962-9459301MPA Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
5962-9459301MPA AD-5962-9459301MPA Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
5962-9459301MPA AD-5962-9459301MPA Datasheet
329Kb / 17P
   Current Feedback Amplifier
More results

Similar Description - 5962-9459901MYC

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com