Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM93CS56EN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93CS56EN
Description  (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93CS56EN Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button NM93CS56EN Datasheet HTML 2Page - National Semiconductor (TI) NM93CS56EN Datasheet HTML 3Page - National Semiconductor (TI) NM93CS56EN Datasheet HTML 4Page - National Semiconductor (TI) NM93CS56EN Datasheet HTML 5Page - National Semiconductor (TI) NM93CS56EN Datasheet HTML 6Page - National Semiconductor (TI) NM93CS56EN Datasheet HTML 7Page - National Semiconductor (TI) NM93CS56EN Datasheet HTML 8Page - National Semiconductor (TI) NM93CS56EN Datasheet HTML 9Page - National Semiconductor (TI) NM93CS56EN Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Instruction Set for the NM93CS06 and NM93CS46
Instruction
SB
Op Code
Address
Data
PRE
PE
Comments
READ
1
10
A5 – A0
0
X
Reads data stored in memory starting at specified address
WEN
1
00
11XXXX
0
1
Enable all programming modes
WRITE
1
01
A5 – A0
D15 – D0
0
1
Writes address if unprotected
WRALL
1
00
01XXXX
D15 – D0
0
1
Writes all registers Valid only when Protect Register is
cleared
WDS
1
00
00XXXX
0
X
Disables all programming modes
PRREAD
1
10
XXXXXX
1
X
Reads address stored in Protect Register
PREN
1
00
11XXXX
1
1
Must immediately precede PRCLEAR PRWRITE and
PRDS instructions
PRCLEAR
1
11
111111
1
1
Clears the Protect Register so that no registers are
protected from WRITE
PRWRITE
1
01
A5 – A0
1
1
Programs address into Protect Register Thereafter
memory addresses t the address in Protect Register are
protected from WRITE
PRDS
1
00
000000
1
1
ONE TIME ONLY instruction after which the address in the
Protect Register cannot be altered
Note
Address bits A5 and A4 become ‘‘Don’t Care’’ for the NM93CS06
Instruction Set for the NM93CS56 and NM93CS66
Instruction
SB
Op Code
Address
Data
PRE
PE
Comments
READ
1
10
A7 – A0
0
X
Reads data stored in memory starting at specified address
WEN
1
00
11XXXXXX
0
1
Enable all programming modes
WRITE
1
01
A7 – A0
D15 – D0
0
1
Writes address if unprotected
WRALL
1
00
01XXXXXX
D15 – D0
0
1
Writes all registers Valid only when Protect Register is
cleared
WDS
1
00
00XXXXXX
0
X
Disables all programming modes
PRREAD
1
10
XXXXXXXX
1
X
Reads address stored in Protect Register
PREN
1
00
11XXXXXX
1
1
Must immediately precede PRCLEAR PRWRITE and
PRDS instructions
PRCLEAR
1
11
11111111
1
1
Clears the ‘‘protect register’’ so that no registers are
protected from WRITE
PRWRITE
1
01
A7 – A0
1
1
Programs address into Protect Register Thereafter
memory addresses t the address in Protect Register are
protected from WRITE
PRDS
1
00
00000000
1
1
ONE TIME ONLY instruction after which the address in the
Protect Register cannot be altered
Note
Address bit A7 becomes ‘‘Don’t Care’’ for the NM93CS56
6


Similar Part No. - NM93CS56EN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS56L NSC-NM93CS56L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS56LEM8 NSC-NM93CS56LEM8 Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS56LEMT8 NSC-NM93CS56LEMT8 Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS56LEN NSC-NM93CS56LEN Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
More results

Similar Description - NM93CS56EN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56 FAIRCHILD-FM93CS56 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com