Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEBRQ7WM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEBRQ7WM
Description  Near-to-Eye Displays
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBRQ7WM Datasheet(HTML) 4 Page - OSRAM GmbH

  LEBRQ7WM Datasheet HTML 1Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 2Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 3Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 4Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 5Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 6Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 7Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 8Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2017-07-25
4
Version 1.2
LE BR Q7WM
Kennwerte
Characteristics
(
T
S = 25°C; IF = 350 mA)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
blue
red
Wellenlänge des emittierten Lichtes
Wavelength at peak emission
(typ.)
λ
peak
460
624
nm
Dominantwellenlänge
3) Seite 18
(min.)
Dominant wavelength
3) page 18
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
460
465
470
610
617
622
nm
nm
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
Spectral bandwidth at 50 %
Φ
rel max
(typ.)
∆λ
19
18
nm
Abstrahlwinkel bei 50 %
Ι
Vrel (red); ΙErel (blue)
(typ.)
Viewing angle at 50 %
Ι
Vrel (red); ΙErel (blue)
2
ϕ
120
Grad
deg.
Durchlassspannung pro Chip
4) Seite 18
(min.)
Forward voltage per chip
4) page 18
(typ.)
(max.)
V
F
V
F
V
F
2.7
3.4
3.7
2.0
2.3
2.7
V
V
V
Sperrstrom
(max.)
Reverse current
I
R
not designed for reverse
operation
µA
Abstrahlende Fläche
(typ.)
Radiating Surface
A
Color
0.65 x 0.65
0.65 x 0.65
mm²
Partieller Lichtfluss
Partial flux acc. CIE 127:2007
(typ.)
E/V 120° = x * ΦE/V, 180°)
Φ
E/V, 120°
0.82
Thermal resistance junction / solderpad
(typ.)
Wärmewiderstand Sperrschicht / solderpad (max.)
1 Chip on / 1 Chip an
R
th JS real
R
th JS real
16
19
14
17
K/W
K/W
Thermal resistance junction / solderpad
(typ.)
Wärmewiderstand Sperrschicht / solderpad (max.)
Chip on / 1 Chip an
with efficiency n
LED = 29 % (blue); 27 % (red)
R
th JS el
R
th JS el
11.4
13.6
10.2
12.4
K/W
K/W
Rth max based on statsistic values (6 Sigma)
Rth max basiert auf statistischen Werten (6 Sigma)


Similar Part No. - LEBRQ7WM

ManufacturerPart #DatasheetDescription
logo
ams AG
LEBRQ7WM.02 AMSCO-LEBRQ7WM.02 Datasheet
2Mb / 26P
   Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.0 2022-03-15
logo
OSRAM GmbH
LEBRQ7WM.03 OSRAM-LEBRQ7WM.03 Datasheet
2Mb / 25P
   Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.1 2023-12-28
LEBRQ7WM.0A OSRAM-LEBRQ7WM.0A Datasheet
2Mb / 28P
   Compact light source in SMT technology, glass window on top, RoHS compliant
Version 1.1 2024-01-04
More results

Similar Description - LEBRQ7WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ8WM OSRAM-LETQ8WM Datasheet
887Kb / 23P
   Near-to-Eye Displays
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
   Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
   Near Infrared LED
logo
Hamamatsu Corporation
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
   Near infrared (0.9 to 1.7 m) image sensors
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
   LEDs: coming soon to a street light near you
logo
Texas Instruments
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
[Old version datasheet]   WXGA Near-Infared DMD
logo
STMicroelectronics
ST25R95 STMICROELECTRONICS-ST25R95 Datasheet
874Kb / 61P
   Near field communication transceiver
April 2019
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
   Near field communication microcontroller
logo
Rohm
SJ3002-EC60A ROHM-SJ3002-EC60A Datasheet
78Kb / 5P
   Near edge thermal Printhead
logo
Hamamatsu Corporation
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
   Si photodiode UV to near IR for precision photometry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com