Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65112A4056 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # Q65112A4056
Description  Architectural lighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65112A4056 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button Q65112A4056 Datasheet HTML 4Page - OSRAM GmbH Q65112A4056 Datasheet HTML 5Page - OSRAM GmbH Q65112A4056 Datasheet HTML 6Page - OSRAM GmbH Q65112A4056 Datasheet HTML 7Page - OSRAM GmbH Q65112A4056 Datasheet HTML 8Page - OSRAM GmbH Q65112A4056 Datasheet HTML 9Page - OSRAM GmbH Q65112A4056 Datasheet HTML 10Page - OSRAM GmbH Q65112A4056 Datasheet HTML 11Page - OSRAM GmbH Q65112A4056 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2017-06-05
8
Version 1.5
GR DASPA1.23
Forward Current 6) page 21 , 8) page 21
Durchlassstrom 6) Seite 21 , 8) Seite 21
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 6) page 21 , 8) page 21
Relativer Lichtstrom 6) Seite 21 , 8) Seite 21
ΦVV(100 mA) = f(IF); TJ = 25 °C
Dominant Wavelength 6) page 21
Dominante Wellenlänge 6) Seite 21
Δλdom = f(IF); TJ = 25 °C
GR DASPA1.23
1.8
1.9
2.0
2.1
2.2
2.3
VF [V]
50
100
150
200
250
IF [mA]
GR DASPA1.23
50
10
0
15
0
20
0
25
0
30
IF [mA]
0.0
0.5
1.0
1.5
2.0
2.5
ΦV
Φ
V(100mA)
GR DASPA1.23
50
10
0
15
0
20
0
25
0
IF [mA]
-10
-5
0
5
10
∆λ dom [nm]


Similar Part No. - Q65112A4056

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65112A4052 OSRAM-Q65112A4052 Datasheet
524Kb / 21P
   Optical Indicator
Q65112A4053 OSRAM-Q65112A4053 Datasheet
940Kb / 24P
   Automotive Headlamp
More results

Similar Description - Q65112A4056

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
   Architectural lighting
GAPSLR31.13 OSRAM-GAPSLR31.13 Datasheet
812Kb / 22P
   Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
   Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
   Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
   Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
   Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
   Architectural lighting
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
   Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
   Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
   Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com