Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMC-P111FX-SS-SC-HV_US Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IMC-P111FX-SS-SC-HV_US
Description  Fiber media converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IMC-P111FX-SS-SC-HV_US Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IMC-P111FX-SS-SC-HV_US Datasheet HTML 1Page - ORing Industrial Networking Corp IMC-P111FX-SS-SC-HV_US Datasheet HTML 2Page - ORing Industrial Networking Corp IMC-P111FX-SS-SC-HV_US Datasheet HTML 3Page - ORing Industrial Networking Corp IMC-P111FX-SS-SC-HV_US Datasheet HTML 4Page - ORing Industrial Networking Corp IMC-P111FX-SS-SC-HV_US Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
100Base-FX fiber port indicator
Green for fiber port Link/Act - (ON) Link up / (Flash) Acting / (OFF) Link down
Amber for fiber port duplex indicator – (ON) Full-Duplex / (OFF) Half-Duplex
LFP statue indicator
Amber LED – (ON) LFP function fail / (OFF) LFP function disable
Fault indicator
Amber : Indicate unexpected event occurred
Duplex indicator
Green for port duplex indicator – (ON) Full-Duplex / (OFF) Half-Duplex
Power
LV Model Input Power
Triple DC inputs. Dual 12~48VDC on 7-pin terminal block, one 12~45VDC on power jack
HV Model Input Power
Dual 100~240VAC power inputs on 8-pin terminal block
Power consumption (Typ.)
LV model : 12 Watts,
HV model : 100VAC/4.8Watts,
240VAC/5.8Watts)
LV model : 12 Watts
HV model : 100VAC/4.8Watts,
240VAC/5.8Watts)
LV model : 12 Watts
HV model : 100VAC/4.8Watts,
240VAC/5.8Watts)
Overload current protection
Present
Reverse polarity protection
Present on terminal block
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
52(W) x 106.1(D) x 144.3(H) mm (2.05x4.18x5.68 inch.)
Weight (g)
LV model : 660 g
HV model : 802 g
LV model : 650g
HV model : 792 g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-40 to 85oC (-40 to 185oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
Power Automation
IEC 61850-3, IEEE 1613
EMI
FCC Part 15, CISPR (EN55022) class A, EN50155 (EN50121-3-2, EN55011, EN50121-4)
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS),
EN61000-4-8, EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years
Ordering Information
IMC-P1 A BCC-DD-EE
Code
Definition
10/100Base-T(X)
Port Number
100Base-FX Fiber
Port Number
Fiber Port Type
Fiber Optical Mode
Fiber Optical Connector
Option
- 1: 1 ports
- 1: 1 port
- FX: 100Base-FX fiber
- P: 100Base-FX SFP
- MM: Multi-mode
- SS: Single-mode
- SC: SC connector
Available
Model
Model Name
Description
IMC-P111FX-MM-SC-LV
Industrial IEC 61850-3 Ethernet to fiber media converter with 1x10/100Base-T(X) and
1x100Base-FX, multi-mode, 2Km/1310nm, SC connector, low-voltage power inputs


Similar Part No. - IMC-P111FX-SS-SC-HV_US

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
IMC-P101 MOXA-IMC-P101 Datasheet
772Kb / 4P
   IEEE 802.3af PoE Ethernet-to-fiber media converters
More results

Similar Description - IMC-P111FX-SS-SC-HV_US

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
ISC-1310FW-SS ORING-ISC-1310FW-SS Datasheet
261Kb / 5P
   Fiber serial media converter
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com