Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C103K8PACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C103K8PACTU
Description  Ceramic, SMD Comm X5R, 0.01 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C103K8PACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C103K8PACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 7/19/2017 - 8ef1e2ea-9fc0-423a-ba3f-311dce16586d
KEMET Part Number: C0402C103K8PACTU
(C0402C103K8PAC7867)
Ceramic, SMD Comm X5R, 0.01 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
S
0.3mm MIN
B
0.3mm +/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 10000
General Information
Style: SMD Chip
Series: SMD Comm X5R
Chip Size: 0402
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X5R
dielectric for this part number is
48 hours
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 10 VDC
Dielectric Withstanding
Voltage: 25 V
Temperature Range: -55/+85C
Temperature Coefficient: X5R
Dissipation Factor: 5% 1kHz 25C
Aging Rate: 5% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0402C103K8PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C103K8GAC KEMET-C0402C103K8GAC Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C103K8RACAUTO KEMET-C0402C103K8RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 10 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C103K8RACTU KEMET-C0402C103K8RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.01 uF, /-10% Tol, 10 V, X7R, 0402 (1005 metric)
More results

Similar Description - C0402C103K8PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C103K8PACTU KEMET-C0201C103K8PACTU Datasheet
72Kb / 1P
   SMD Comm X5R, Ceramic, 0.01 uF, 10%, 10 V, 0201, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C273K8PACTU KEMET-C0402C273K8PACTU Datasheet
62Kb / 1P
   SMD Comm X5R, Ceramic, 0.027 uF, 10%, 10 VDC, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
C0402C104K3PACTU KEMET-C0402C104K3PACTU Datasheet
58Kb / 1P
   SMD Comm X5R, Ceramic, 0.1 uF, 10%, 25 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
C0402C104K3PAC7411 KEMET-C0402C104K3PAC7411 Datasheet
58Kb / 1P
   SMD Comm X5R, Ceramic, 0.1 uF, 10%, 25 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
C0402C473K4PACTU KEMET-C0402C473K4PACTU Datasheet
71Kb / 1P
   SMD Comm X5R, Ceramic, 0.047 uF, 10%, 16 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
C0402C225K7PACTU KEMET-C0402C225K7PACTU Datasheet
71Kb / 1P
   SMD Comm X5R, Ceramic, 2.2 uF, 10%, 4 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
C0201C103K9PACTU KEMET-C0201C103K9PACTU Datasheet
59Kb / 1P
   SMD Comm X5R, Ceramic, 0.01 uF, 10%, 6.3 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0201
C0603C824K8PACTU KEMET-C0603C824K8PACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X5R, 0.82 uF, 10%, 10 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
C1206C335K8PACTU KEMET-C1206C335K8PACTU Datasheet
59Kb / 1P
   SMD Comm X5R, Ceramic, 3.3 uF, 10%, 10 V, X5R, SMD, MLCC, Temperature Stable, Class II, 1206
C0402C223K9PACTU KEMET-C0402C223K9PACTU Datasheet
62Kb / 1P
   SMD Comm X5R, Ceramic, 0.022 uF, 10%, 6.3 VDC, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com