Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110RKI Datasheet(PDF) 3 Page - International Rectifier

Part # 110RKI
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

110RKI Datasheet(HTML) 3 Page - International Rectifier

  110RKI Datasheet HTML 1Page - International Rectifier 110RKI Datasheet HTML 2Page - International Rectifier 110RKI Datasheet HTML 3Page - International Rectifier 110RKI Datasheet HTML 4Page - International Rectifier 110RKI Datasheet HTML 5Page - International Rectifier 110RKI Datasheet HTML 6Page - International Rectifier 110RKI Datasheet HTML 7Page - International Rectifier 110RKI Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
110/111RKI Series
3
Bulletin I25152 rev. E 09/03
www.irf.com
dv/dt Maximum critical rate of rise of
off-state voltage
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current
Blocking
500
V/µs
T
J = TJ max. linear to 80% rated VDRM
Parameter
110/111RKI
Units Conditions
20
mA
T
J = TJ max, rated VDRM/VRRM applied
P
GM
Maximum peak gate power
12
T
J = TJ max, t
p ≤ 5ms
P
G(AV)
Maximum average gate power
3.0
T
J = TJ max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3.0
A
T
J = TJ max, t
p ≤ 5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
I
GT
DC gate current required
T
J = - 40°C
to trigger
mA
T
J = 25°C
T
J = 140°C
V
GT
DC gate voltage required
T
J = - 40°C
to trigger
V
T
J = 25°C
T
J = 140°C
I
GD
DC gate current not to trigger
6.0
mA
Parameter
110/111RKI
Units Conditions
20
10
Triggering
T
J = TJ max
TYP.
MAX.
180
-
80
120
40
-
2.5
-
1.6
2
1-
Max. gate current/ voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM anode-to-cathode applied
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 12V
anode-to-cathode applied
W
VT
J = TJ max, t
p ≤ 5ms
T
J
Max. operating temperature range
-40 to 140
Tstg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance,
junction to case
R
thCS
Max. thermal resistance,
case to heatsink
T
Mounting torque, ± 10%
15.5
Non lubricated threads
(137)
14
Lubricated threads
(120)
wt
Approximate weight
130
g
Parameter
110/111RKI
Units Conditions
0.27
DC operation
0.1
Mounting surface, smooth, flat and greased
Thermal and Mechanical Specification
°C
K/W
Nm
(lbf-in)
Case style
TO - 209AC (TO-94)
See Outline Table
V
GD
DC gate voltage not to trigger
0.25
V


Similar Part No. - 110RKI

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
110RKI NAINA-110RKI Datasheet
116Kb / 2P
   Phase Control Thyristors, 100A
logo
New Jersey Semi-Conduct...
110RKI NJSEMI-110RKI Datasheet
191Kb / 3P
   PHASE CONTROL THYRISTORS
logo
International Rectifier
110RKI120 IRF-110RKI120 Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI120 VISHAY-110RKI120 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
110RKI120 VISHAY-110RKI120 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results

Similar Description - 110RKI

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com