Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBS-609 Datasheet(PDF) 3 Page - API Technologies Corp

Part # QBS-609
Description  1 kW Solid State Pulsed Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QBS-609 Datasheet(HTML) 3 Page - API Technologies Corp

  QBS-609 Datasheet HTML 1Page - API Technologies Corp QBS-609 Datasheet HTML 2Page - API Technologies Corp QBS-609 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
3
Outline Drawing
Model Number: QBS-609
3/16/2015


Similar Part No. - QBS-609

ManufacturerPart #DatasheetDescription
logo
API Delevan
QBS-610 API-QBS-610 Datasheet
193Kb / 2P
   RF Adjustable AGC/Limiting Line Amplifier L-Band 1.0 - 2.0 GHz
QBS-611 API-QBS-611 Datasheet
460Kb / 2P
   RF Adjustable AGC/Limiting Line Amplifier L-Band 1.0 ??2.0 GHz
More results

Similar Description - QBS-609

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTU-5191A8 CPI-VTU-5191A8 Datasheet
86Kb / 1P
   1 kW, Pulsed Helix TWT Series
logo
Teledyne Technologies I...
A5P8250 TELEDYNE-A5P8250 Datasheet
892Kb / 2P
   SOLID STATE POWER AMPLIFIER
A4CP18240 TELEDYNE-A4CP18240 Datasheet
135Kb / 2P
   SOLID STATE POWER AMPLIFIER
logo
MTRONPTI
PA1014 MTRONPTI-PA1014 Datasheet
359Kb / 3P
   Solid State High Power Amplifier
PA1016 MTRONPTI-PA1016 Datasheet
855Kb / 3P
   Solid State High Power Amplifier
PA3034 MTRONPTI-PA3034 Datasheet
100Kb / 2P
   Solid State High Power Amplifier
PA2020 MTRONPTI-PA2020 Datasheet
918Kb / 3P
   Solid State High Power Amplifier
PA1067 MTRONPTI-PA1067 Datasheet
416Kb / 2P
   Solid State High Power Amplifier
PA1068 MTRONPTI-PA1068 Datasheet
1Mb / 2P
   Solid State High Power Amplifier
PA2037 MTRONPTI-PA2037 Datasheet
127Kb / 2P
   Solid State High Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com