Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1BL Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # H1BL
Description  High Efficient Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

H1BL Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  H1BL Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd H1BL Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H1AL THRU H1ML
特性曲线(典型) Characteristics(Typical)
020
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
0
0
0.2
Ta℃
)
图1:Io-Ta曲线
FIG1:Io-Ta Curve
160
单相半波60Hz
电阻负载
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
0.4
0.6
0.8
1.0
1.2
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
5
FIG2:Surge Forward Current Capadility
Number of Cycles
10
15
20
25
30
35
8.3ms 正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
0.4
0.8
1.2
1.6
2.0
2.4
0.01
0.02
0.05
VF(V)
图3:正向电压曲线
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
H1AL~H1DL
H1GL
H1JL~H1ML
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
图5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
S-S363
  
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
www.21yangjie.com
S-S363
Rev. 1.0, 30-Mar-15


Similar Part No. - H1BL

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
H1B YANGJIE-H1B Datasheet
152Kb / 2P
   High Efficient Rectifier Diode
logo
First Silicon Co., Ltd
H1B FS-H1B Datasheet
237Kb / 2P
   High Efficient Rectifier D iode
logo
RFE international
H1B RFE-H1B Datasheet
1Mb / 3P
   Surface Mount High Efficient Rectifier H1A THRU H1M
07-21-2020
logo
New Jersey Semi-Conduct...
H1B01-15 NJSEMI-H1B01-15 Datasheet
70Kb / 1P
   High Voltage, Fast Recovery Medium Current Rectifier H1601 Series
logo
Yangzhou yangjie electr...
H1BF YANGJIE-H1BF Datasheet
104Kb / 2P
   High Efficient Rectifier Diode
More results

Similar Description - H1BL

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
H1A YANGJIE-H1A Datasheet
152Kb / 2P
   High Efficient Rectifier Diode
H2AF YANGJIE-H2AF Datasheet
105Kb / 2P
   High Efficient Rectifier Diode
H1AF YANGJIE-H1AF Datasheet
104Kb / 2P
   High Efficient Rectifier Diode
logo
Comchip Technology
MUR160 COMCHIP-MUR160 Datasheet
80Kb / 2P
   Efficient Fast Rectifier Diode
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com