Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR156 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # FR156
Description  Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

FR156 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  FR156 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd FR156 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A075
Rev. 1.2, 28-Apr-14
www.21yangjie.com
FR151 THRU FR157
快恢复二极管 Fast Recovery Rectifier
■特征
Features
■外形尺寸和印记 Outline Dimensions and Mark
●Io
1.5A
●VRRM
50V-1000V
●耐正向浪涌电流能力高
●High surge current capability
■用途 Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
FR
151 152
153 154 155 156 157
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,Ta=50℃
60Hz Half-sine wave, Resistance
load, Ta=50℃
1.5
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave,1 cycle,
Ta=25℃
50
结温
Junction Temperature
TJ
-55~+125
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
FR
151
152
153
154
155
156
157
正向峰值电压
Peak Forward Voltage
V
FM
V
I
FM=1.5A
1.3
反向峰值电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta=25℃
2.5
I
RRM2
Ta=125℃
100
反向恢复时间
Reverse Recovery time
trr
ns
IF=0.5A IR=1A
IRR=0.25A
150
250
500
热阻
(典型)
Thermal
Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and ambient
45
结电容
Typical
junction
capacitance
Cj
pF
Measured at 1MHZ and Applied
Reverse Voltage of 4.0 V.D.C.
35
1.0(25.4)
MIN
.300(7.60)
.228(5.80)
.035(0.90)
.028(0.70)
.142(3.60)
.102(2.60)
1.0(25.4)
MIN
DO-204AC(DO-15 )
Unit: in inches (millimeters)
COMPLIANT
RoHS


Similar Part No. - FR156

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FR156 GULFSEMI-FR156 Datasheet
466Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
logo
Won-Top Electronics
FR156 WTE-FR156 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR156 CHENDA-FR156 Datasheet
588Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR156 SMC-FR156 Datasheet
175Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR156 LRC-FR156 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
More results

Similar Description - FR156

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com