Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGLT1211LC Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LGLT1211LC
Description  ESD Protection Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LGLT1211LC Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LGLT1211LC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LGLT1211LC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LGLT1211LC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LGLT1211LC Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SYMBOL
A
W
W1
(mm)
(inch)
0.026 0.004
±
0.045 0.004
±
0.024 0.004
±
0.061 0.004
±
7.008 0.04
±
2.362 MIN.
0.512 0.008
±
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.004
±
0.009 0.002
±
0.315 0.008
±
0.531 MAX.
0.75
0.10
±
1.15
0.10
±
4.00
0.10
±
1.55
0.10
±
3.50
0.05
±
1.75
0.10
±
60.0 MIN.
13.0
0.20
±
0.60
0.10
±
4.00
0.10
±
2.00
0.10
±
0.22
0.05
±
8.00
0.20
±
13.5 MAX.
178 1
±
Index hole
d
E
F
B
W
P
P0
P1
A
0402/
SOD-923F
0402/
SOD-923F
ESD Protection Device
LTC1211LC
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P3


Similar Part No. - LGLT1211LC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGLT0501MB LUGUANG-LGLT0501MB Datasheet
1Mb / 6P
   Low Capacitance ESD Protection Device
LGLT0502SK LUGUANG-LGLT0502SK Datasheet
1Mb / 5P
   Ultra-Low Capacitance ESD Protection Device
LGLT0514TL LUGUANG-LGLT0514TL Datasheet
1Mb / 8P
   Ultra-Low Capacitance ESD Protection Device
LGLT0516ST LUGUANG-LGLT0516ST Datasheet
1Mb / 6P
   Ultra-Low Capacitance ESD Protection Device
LGLT0521SB LUGUANG-LGLT0521SB Datasheet
1Mb / 5P
   Ultra-Low Capacitance ESD Protection Device
More results

Similar Description - LGLT1211LC

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
   ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
   ESD Protection Device
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
   ESD protection device
3 September 2021
logo
Micro Commercial Compon...
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
   ESD Protection Device
Rev.3-1-12022022
logo
TriQuint Semiconductor
TQP200002 TRIQUINT-TQP200002_15 Datasheet
745Kb / 10P
   ESD Protection Device
logo
Micro Commercial Compon...
ESD12VL MCC-ESD12VL Datasheet
1Mb / 4P
   ESD Protection Device
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
   ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
   ESD protection device
3 September 2021
logo
Chip Integration Techno...
T1211LC CITC-T1211LC Datasheet
499Kb / 4P
   ESD Protection Device
logo
Micro Commercial Compon...
ESD15VL MCC-ESD15VL Datasheet
976Kb / 4P
   ESD Protection Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com