Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX84-2012-25-1006 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DX84-2012-25-1006
Description  pcb power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DX84-2012-25-1006 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DX84-2012-25-1006 Datasheet HTML 1Page - Willow Technologies Ltd DX84-2012-25-1006 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DX84
pcb power relay
Ref: DX84 112714JHM
Coil Data (DC voltage 400mW)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
1005
5
62
3.5
0.5
1006
6
90
4.2
0.6
1009
9
202
6.3
0.9
1012
12
360
8.4
1.2
1018
18
810
12.6
1.8
1024
24
1440
16.8
2.4
1048
48
5760 ±15%
33.6
4.8
1060
60
7500 ±15%
42.0
6.0
1110
110
25200 ±15%
77.0
11.0
Page 2 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
X
8
4
-
-
5
-
Contact material
see Table 1
20
-
AgNi 90/10
30
-
AgSnO
2
Contact arrangement
12
-
DPDT (2 C/O)
22
-
DPST-NO (2N/O)
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Specifications are subject to change without notice. E&OE.


Similar Part No. - DX84-2012-25-1006

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DX84 AEC-DX84 Datasheet
209Kb / 2P
   industry standard style
More results

Similar Description - DX84-2012-25-1006

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com