Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM43-1021-25-1005 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DM43-1021-25-1005
Description  pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM43-1021-25-1005 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DM43-1021-25-1005 Datasheet HTML 1Page - Willow Technologies Ltd DM43-1021-25-1005 Datasheet HTML 2Page - Willow Technologies Ltd DM43-1021-25-1005 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DM43
pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 N/O), SPDT ( 1 C/O)
Contact material
AgCdO, AgSnO
2
Max. switching voltage
AC/DC 240VAC / 28VDC
Min. switching current / voltage
1mA/1VDC
Rated load
AC1 16A, 240VAC
DC1 16A, 28VDC
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...48V
AC 6V...230V
Must release voltage
DC ≥ 0.1Un
AC ≥ 0.3Un
Operating range of supply voltage
See coil tables 1 and 2
Rated power consumption
DC 0.53W
AC 1.0VA
Insulation
Insulation resistance
≤ 100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 5000Vrms, 1min
contact to contact 1000Vrms, 1min
General Data
Operating time (typical)
mS ≤ 20ms
Release time (typical)
mS ≤ 10ms
Electrical Life
ops ≥ 1 x 105
Mechanical life
ops ≥ 1 x 107
Dimensions
L x W x H 29 x 13 x 25.3mm
Weight
17g
Ambient temperature
storage -55 to 70°C
operating -55 to 70°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• miniature pcb power relay
• Up to 16A /28VDC rating DPDT
• industry standard style
• Cost effective
• RoHS Compliant
Ref: DM43 020817JHM
E325835


Similar Part No. - DM43-1021-25-1005

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
logo
DANFOSS POWER SOLUTIONS
DM430E DANFOSS-DM430E Datasheet
300Kb / 4P
   PLUS1® Mobile Machine Displays DM430E Series
January 2020
DM430E-0-0-0-0 DANFOSS-DM430E-0-0-0-0 Datasheet
300Kb / 4P
   PLUS1® Mobile Machine Displays DM430E Series
January 2020
DM430E-0-0-0-1 DANFOSS-DM430E-0-0-0-1 Datasheet
300Kb / 4P
   PLUS1® Mobile Machine Displays DM430E Series
January 2020
DM430E-0-0-1-0 DANFOSS-DM430E-0-0-1-0 Datasheet
300Kb / 4P
   PLUS1® Mobile Machine Displays DM430E Series
January 2020
More results

Similar Description - DM43-1021-25-1005

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com