Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVK-4V331MG70EQ-R2 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # PVK-4V331MG70EQ-R2
Description  FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PVK-4V331MG70EQ-R2 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  PVK-4V331MG70EQ-R2 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PVK-4V331MG70EQ-R2 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
PrintPDF
FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-4V331MG70EQ-R2
Features
Item Summary
330uF±20%, 4V, φ8x6.7mm, SMD
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
1000
Products characteristics table
Capacitance
330 uF ± 20 %
Rated Voltage
4 V
tanδ (max)
0.12
Operating Temp. Range
-55 to +125 ℃
Leakage current (min)
264 uA at 2 min
Rated Ripple (max)
960 mArms at 100k Hz / 125 ℃
Impedance ratio
1.15
___[-25℃/+20℃]
Impedance ratio
1.25
___[-55℃/+20℃]
ESR (max)
25 mΩ at 100k Hz / 20 ℃
Endurance
1000 hr at 125 ℃
___[Test time]
Endurance
Within ±20% of initial value
___[Capacitance change]
Endurance
150% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
(SMD)
Type
Conductive Polymer
RoHS2 Compliance
Yes
REACH Compliance
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ8 ±0.5 mm
Dimension L
6.7 ±0.3 mm
Dimension P (F)
Typ 3.1 mm
Dimension C (d)
Typ 3 mm
2017.11.30
1 / 1


Similar Part No. - PVK-4V331MG70EQ-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PVK-4V331MG70E-R2 TAIYO-YUDEN-PVK-4V331MG70E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results

Similar Description - PVK-4V331MG70EQ-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PVK-6V101MF60EQ-R2 TAIYO-YUDEN-PVK-6V101MF60EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-6V471MH80EQ-R2 TAIYO-YUDEN-PVK-6V471MH80EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V101MG70EQ-R2 TAIYO-YUDEN-PVK-10V101MG70EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V470MF60EQ-R2 TAIYO-YUDEN-PVK-10V470MF60EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-16V151MH80EQ-R2 TAIYO-YUDEN-PVK-16V151MH80EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-4V221MG70EQ-R2 TAIYO-YUDEN-PVK-4V221MG70EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-2R5V102MH80EQ-R2 TAIYO-YUDEN-PVK-2R5V102MH80EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-2R5V221MF60EQ-R2 TAIYO-YUDEN-PVK-2R5V221MF60EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-4V101MF60EQ-R2 TAIYO-YUDEN-PVK-4V101MF60EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-4V151MF60EQ-R2 TAIYO-YUDEN-PVK-4V151MF60EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com