Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU2504 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # KBU2504
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

KBU2504 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  KBU2504 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd KBU2504 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-C068
Rev.1.2,28-Apr-14
KBU25005 THRU KBU2510
桥式整流器 Bridge Rectifier
■特征 Features
■外形尺寸和印记
Outline Dimensions and Mark
Io
25A
VRRM
50V~1000V
玻璃钝化芯片
Glass passivated chip
耐正向浪涌电流能力高
High surge forward current capability
■用途 Applications
作一般电源单相桥式整流用
General purpose 1 phase Bridge
rectifier applications
■极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
KBU25
005 01 02 04
06 08 10
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100 200 400 600 800 1000
平均整流输出电流
Average Rectified Output
Current
IO
A
60HZ 正弦波,电阻负载,Tc=55℃
60HZ sine wave,
R- load, Tc=55℃
25
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
60HZ正弦波,一个周期,Ta=25℃
60HZ sine wave, 1 cycle, Ta=25℃
400
正向浪涌电流的平方对电流浪
涌持续
时间的积分值
Current Squared Time
I
2t
A
2s
1ms≤t<8.3ms Tj=25℃,单个
二极管
1ms≤t<8.3ms Tj=25℃,Rating of
per diode
666
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55 ~+125
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
最大值
Max
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=12.5A,脉冲测试,单个二极管的额定值
IFM=12.5A, Pulse measurement, Rating of per diode
1.1
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM ,脉冲测试,单个二极管的额定值
VRM=VRRM , Pulse measurement, Rating of per diode
10
热阻
Thermal Resistance
RθJ-C
℃/W
结和外壳之间
Between junction and case
1.4
(1)
说明(Notes):
(1安装在铝板散热器上。
(1Units Mounted on a aluminum plate heat sink.
Dimensions in inches and (millimeters)
KBU
-
AC
+
.15×.23L(3.8×5.7L)
HOLE THRU
.780(19.8)
.740(18.8)
.323(8.20)
.789(20.0)
MIN
.052(1.30)
.048(1.20)
DIA
.197(5.00)
.181(4.60)
.220(5.60)
.181(4.60)
.280(7.10)
.268(6.80)
.935(23.7)
.895(22.7)
RoHS
COMPLIANT


Similar Part No. - KBU2504

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
KBU2504 YANGJIE-KBU2504 Datasheet
269Kb / 2P
   SINGLE PHASE 10/15/25/35AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBU2504 CHENG-YI-KBU2504 Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
KBU2504 RFE-KBU2504 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Shanghai Shunye Electro...
KBU2504 SY-KBU2504 Datasheet
173Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
KBU2504 CHENDA-KBU2504 Datasheet
504Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU2504

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com