Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU608 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # KBU608
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

KBU608 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  KBU608 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd KBU608 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-C064
Rev.1.3,28-Apr-14
KBU6005 THRU KBU610
■特性曲线(典型) Characteristics(Typical)
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
VF(V)
图3:正向电压曲线
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
60
5.0
020
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=125
Tj=25
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
1
0
IFSM(A)
图 2:耐正向浪涌电流曲线
2
5
10
20
50
100
135
 
108
 
81
54
27
 
189
 
162
FIG2:Surge Forward Current Capadility
周波数
Number of Cycles
Io(A)
T(
℃ )
 1:Io-T 曲线
0
0
2
50
100
150
8
FIG1:Io-T Curve
4
Hedtsink mounting,
Tc,2.6×1.4×0.06”
(6.5×3.5×1.5cm)
Al.Plate
Ta,P.C.B. Mounting
 
0.5×0.5"(12×12mm)
 
Copper Pads
6


Similar Part No. - KBU608

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU608 WTE-KBU608 Datasheet
42Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Continental Device Indi...
KBU608 CDIL-KBU608 Datasheet
204Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
KBU608 HY-KBU608 Datasheet
395Kb / 3P
   Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU608 JGD-KBU608 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KBU608 JUXING-KBU608 Datasheet
539Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFLER
More results

Similar Description - KBU608

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com